Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1040CEC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IMXRT1040CEC
Description  i.MX RT1040 Crossover Processors for Consumer Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1040CEC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IMXRT1040CEC Datasheet HTML 3Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 4Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 5Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 6Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 7Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 8Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 9Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 10Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Table 1. Ordering information (continued)
Part Number
Features
Package
Junction
Temperature
Tj (°C)
• 4-channel PIT
• Qtimer x4
• PWM x4
• ENC x4
• WDOG x4
• LCD/PXP
• SPDIF x1
• SAI x3
• MQS x1
• USB OTG x1
• eMMC 4.5/SD 3.0 x2
• 114 GPIOs (112
tightly coupled)
• HAB/DCP/BEE
• TRNG
• SNVS
• SJC
• ADC x2
• ACMP x4
• DCDC
• Temperature sensor
• GPC hardware power
management controller
MIMXRT1042DJM6B
• 600 MHz, industrial with
MPU/FPU
• eDMA
• Boot ROM (128 KB)
• On-chip RAM (512 KB)
• SEMC
• GPT x2
• 4-channel PIT
• Qtimer x4
• PWM x4
• ENC x4
• WDOG x4
• LCD/PXP
• SPDIF x1
• SAI x3
• MQS x1
• USB OTG x1
• eMMC 4.5/SD 3.0 x2
• Ethernet x1
• UART x8
• I2C x4
• FlexSPI x2
• CAN x2
• FlexCAN (with Flexible
Data-Rate supported)
• FlexIO x3
• 114 GPIOs (112
tightly coupled)
• HAB/DCP/BEE
• TRNG
• SNVS
• SJC
• ADC x2
• ACMP x4
• DCDC
• Temperature sensor
• GPC hardware power
management controller
11 x 11 mm, 0.8 mm
pitch, 169-pin BGA
0 to +95 °C
Table continues on the next page...
NXP Semiconductors
i.MX RT1040 Introduction
i.MX RT1040 Crossover Processors for Consumer Products, Rev. 2, 01/2023
Data Sheet: Technical Data
7 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com