Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1040CEC Datasheet(PDF) 72 Page - NXP Semiconductors

Part # IMXRT1040CEC
Description  i.MX RT1040 Crossover Processors for Consumer Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1040CEC Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button IMXRT1040CEC Datasheet HTML 68Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 69Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 70Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 71Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 72Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 73Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 74Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 75Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
4.9.4.1.4 MII serial management channel timing (ENET_MDIO and ENET_MDC)
The MDC frequency is designed to be equal to or less than 2.5 MHz to be compatible with the IEEE 802.3 MII specification.
However the ENET can function correctly with a maximum MDC frequency of 15 MHz.
Figure 47 shows MII asynchronous input timings. Table 65 describes the timing parameters (M10–M15) shown in the figure.
ENET_MDC (output)
ENET_MDIO (output)
M14
M15
M10
M11
M12
M13
ENET_MDIO (input)
Figure 47. MII serial management channel timing diagram
Table 65. MII serial management channel timing
ID
Characteristic
Min.
Max.
Unit
M10
ENET_MDC falling edge to ENET_MDIO output invalid (min.
propagation delay)
0
—
ns
M11
ENET_MDC falling edge to ENET_MDIO output valid (max.
propagation delay)
—
5
ns
M12
ENET_MDIO (input) to ENET_MDC rising edge setup
18
—
ns
M13
ENET_MDIO (input) to ENET_MDC rising edge hold
0
—
ns
M14
ENET_MDC pulse width high
40%
60%
ENET_MDC period
M15
ENET_MDC pulse width low
40%
60%
ENET_MDC period
4.9.4.2 RMII mode timing
In RMII mode, ENET_CLK is used as the REF_CLK, which is a 50 MHz ± 50 ppm continuous reference clock. ENET_RX_EN
is used as the ENET_RX_EN in RMII. Other signals under RMII mode include ENET_TX_EN, ENET_TX_DATA[1:0],
ENET_RX_DATA[1:0] and ENET_RX_ER.
Figure 48 shows RMII mode timings. Table 66 describes the timing parameters (M16–M21) shown in the figure.
NXP Semiconductors
Electrical Characteristics
i.MX RT1040 Crossover Processors for Consumer Products, Rev. 2, 01/2023
Data Sheet: Technical Data
72 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com