Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1040CEC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # IMXRT1040CEC
Description  i.MX RT1040 Crossover Processors for Consumer Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1040CEC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button IMXRT1040CEC Datasheet HTML 18Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 19Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 20Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 21Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 22Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 23Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 24Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 25Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
Table 9. Operating ranges (continued)
Parameter
Description
Symbol
Operating
Conditions
Min
Typ
Max1 Unit
Comment
M7 core at 132
MHz
1.15
—
1.26
M7 core at 24
MHz
0.925
—
1.26
IDLE Mode
VDD_SOC_IN
M7 core
operation at 528
MHz or below
1.15
—
1.26
V
—
SUSPEND
(DSM) Mode
VDD_SOC_IN
—
0.925
—
1.26
V
Refer to Table 12 current and
power consumption
SNVS Mode
VDD_SOC_IN
—
0
—
1.26
V
—
Power for DCDC
DCDC_IN
—
3.0
—
3.6
V
—
VDD_HIGH
internal Regulator
VDD_HIGH_IN2
—
3.0
—
3.6
V
Must match the range of voltages
that the rechargeable backup
battery supports.
Backup battery
supply range
VDD_SNVS_IN
—
2.40
—
3.6
V
Can be combined with
VDD_HIGH_IN, if the system does
not require keeping real time and
other data on OFF state.
USB
supply voltages
USB_OTG1_VBUS
—
4.40
—
5.5
V
—
GPIO supplies
NVCC_GPIO
—
3.0
3.3
3.6
V
All digital I/O supplies
(NVCC_xxxx) must be powered
(unless otherwise specified in
this data sheet) under normal
conditions whether the associated
I/O pins are in use or not.
NVCC_SD0
—
1.65
1.8
1.95
V
3.0
3.3
3.6
V
NVCC_SD1
—
1.65
1.8
1.95
V
3.0
3.3
3.6
V
NVCC_EMC
—
1.65
1.8
1.95
V
3.0
3.3
3.6
V
A/D converter
VDDA_ADC_3P3
—
3.0
3.3
3.6
V
VDDA_ADC_3P3 must be powered
even if the ADC is not used.
VDDA_ADC_3P3 cannot be
powered when the other SoC
Table continues on the next page...
NXP Semiconductors
Electrical Characteristics
i.MX RT1040 Crossover Processors for Consumer Products, Rev. 2, 01/2023
Data Sheet: Technical Data
22 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com