Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVT
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV3601DBVT Datasheet HTML 15Page - Texas Instruments TLV3601DBVT Datasheet HTML 16Page - Texas Instruments TLV3601DBVT Datasheet HTML 17Page - Texas Instruments TLV3601DBVT Datasheet HTML 18Page - Texas Instruments TLV3601DBVT Datasheet HTML 19Page - Texas Instruments TLV3601DBVT Datasheet HTML 20Page - Texas Instruments TLV3601DBVT Datasheet HTML 21Page - Texas Instruments TLV3601DBVT Datasheet HTML 22Page - Texas Instruments TLV3601DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
7 Detailed Description
7.1 Overview
TheTLV360x family are high-speed comparators with single-ended (push-pull) output stages. The fast response
time of these comparators make them well suited for applications that require narrow pulse width detection or
high toggle frequencies. The TLV3601 is available in a 5-pin SC70 and SOT23 package, while the TLV3603(E) is
packaged in a 6-pin SC70. The TLV3602 is a dual channel version of the TLV3601 and is packaged in an 8-pin
VSSOP and WSON package.
7.2 Functional Block Diagram
+
LE/HYST
TLV3603
+
TLV3601
VEE
VEE
VCC
VCC
7.3 Feature Description
The TLV3601,TLV3603(E), and TLV3602 are single and dual channel, high speed comparators with a typical
propagation delay of 2.5 ns and push-pull outputs. The minimum pulse width detection capability is 1.25 ns and
the typical toggle rate is 325 MHz. These comparators are well-suited for distance measurement applications
that utilize a time-of-flight arechitecture as well as systems that suffer from capacitive loading and require data
and clock recovery. In addition to their high speed, the TLV360x family offers rail-to-rail input stages capable
of operating up to 200 mV beyond each power supply rail combined with a maximum 5 mV input offset. The
TLV3603(E) also provides adjustable hysteresis via an external resistor for noise suppression or a latching mode
to hold the output of the comparators.
7.4 Device Functional Modes
The TLV3601 has a single functional mode and is active when the power supply voltage is greater than 2.4V.
The TLV3603(E) has two modes of operation. The first is an active mode where the output reflects the condition
at the inputs when an external resistor is connected to ground on the LE/HYS pin. The second is a latch mode
where the output is held at its last active state when the LE/HYS pin is pulled low. The TLV3603(E) returns to
active mode after a short delay when the pin is pulled high.
7.4.1 Inputs
The TLV360x family features input stages capable of operating 200 mV below negative power supply (ground)
and 200 mV beyond the positive supply voltage, allowing for zero cross detection and maximizing input dynamic
range given a certain power supply. The input stages are protected from conditions where the voltage on either
pin exceeds this level by internal ESD protection diodes to VCC and VEE. To avoid damaging the inputs when
exceeding the recommended input voltage range, an external resistor should be used to limit the current.
7.4.2 Push-Pull (Single-Ended) Output
The TLV360x outputs have excellent drive capability and are designed to connect directly to CMOS logic
input devices. Likewise, the comparator output stages can drive capacitive loads. Transient performance
parameters in the Electrical Characteristics Tables and Typical Characteristics section are for a load of 5pF,
corresponding to a standard CMOS load. Device performance for larger capacitive loads can be found in the
typical performance curves titled Propagation Delay vs Capacitive Load. For optimal speed and performance,
output load capacitance should be reduced as much as possible.
www.ti.com
TLV3601, TLV3602, TLV3603, TLV3603E
SNOSDB1E – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV3601 TLV3602 TLV3603 TLV3603E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com