Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVT
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV3601DBVT Datasheet HTML 19Page - Texas Instruments TLV3601DBVT Datasheet HTML 20Page - Texas Instruments TLV3601DBVT Datasheet HTML 21Page - Texas Instruments TLV3601DBVT Datasheet HTML 22Page - Texas Instruments TLV3601DBVT Datasheet HTML 23Page - Texas Instruments TLV3601DBVT Datasheet HTML 24Page - Texas Instruments TLV3601DBVT Datasheet HTML 25Page - Texas Instruments TLV3601DBVT Datasheet HTML 26Page - Texas Instruments TLV3601DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
is moving very slowly across the switching threshold of the comparator. This problem can be prevented by using
the internal hysteresis feature of the comparator or by the addition of external hysteresis.
The TLV3603(E) has a LE/HYS pin that allows for variable internal hysteresis depending on the resistor value
connected between the pin and VEE, where increasing the resistance decreases the hysteresis to a minimum
level.
5 V
0 V
VL
VH
VO
2.485 V
2.515 V
VIN
+
LE/HYS
TLV3603
VO
VIN
VREF 2.5 V
VCC
VEE
R1
150 k
Ω
Figure 8-5. Adjustable Hysteresis with a 150kΩ Resistor using TLV3603
Since the TLV3601 and TLV3602 only have a minimal amount of internal hysteresis, external hysteresis can be
added in the form of a positive feedback loop. A non-inverting comparator with hysteresis requires a two-resistor
network and a voltage reference (VREF) at the inverting input, as shown in Figure 8-6.
VREF 2.5 V
R2
10 k
+
–
R1
60
VO
VA
5 V
0 V
VL
VH
VO
2.485 V
2.515 V
VIN
VIN
Figure 8-6. Non-Inverting Configuration for Hysteresis using TLV3601
8.2.1.1 Design Requirements
For this design, follow these design requirements.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply Voltage (VCC)
5 V
VREF
2.5 V
VHYS
30 mV
Lower Threshold (VL)
2.485 V
Upper Threshold (VH)
2.515 V
8.2.1.2 Detailed Design Procedure
For the TLV3603(E), the hysteresis vs. resistance curve (Figure 8-2) can be used as a guidance to set the
desired amount of hysteresis. Figure 8-2 shows that for a 30-mV hysteresis, a 150 kΩ resistor must be placed
from the LE/HYS pin to VEE.
For the TLV3601 and TLV3602, the following procedure can be used to add external hysteresis for a non-
inverting configuration. Note that VHYST << VREF, so VHYST can be ignored and is not included in the following
equations for simpler calculation.
www.ti.com
TLV3601, TLV3602, TLV3603, TLV3603E
SNOSDB1E – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLV3601 TLV3602 TLV3603 TLV3603E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com