Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVT
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV3601DBVT Datasheet HTML 22Page - Texas Instruments TLV3601DBVT Datasheet HTML 23Page - Texas Instruments TLV3601DBVT Datasheet HTML 24Page - Texas Instruments TLV3601DBVT Datasheet HTML 25Page - Texas Instruments TLV3601DBVT Datasheet HTML 26Page - Texas Instruments TLV3601DBVT Datasheet HTML 27Page - Texas Instruments TLV3601DBVT Datasheet HTML 28Page - Texas Instruments TLV3601DBVT Datasheet HTML 29Page - Texas Instruments TLV3601DBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
8.2.4 External Trigger Function for Oscilloscopes
Below is a typical configuration for creating an external trigger on oscilliscopes. The user adjusts the trigger level
by programming a DAC that the TLV360x can use as a reference. The input from an oscilloscope channel is then
compared to the trigger reference voltage, and the comparator sends a signal to a downstream FPGA to begin a
capture.
VCC = 5V
FPGA
TLV3601
DAC
-
+
+
–
VIN
Trigger Input
Figure 8-11. External Trigger Function
9 Power Supply Recommendations
The TLV360x are specified for operation from 2.4 V to 5.5 V. While most applications will require single supply
operation where VEE is connected to the ground plane and VCC is connected to the intended power supply
level, the comparators can also be operated with split supplies. One caution when using split supplies is that
the output logic levels are determined by the VCC and VEE levels. For example, if split supplies of +/- 2.5V
are used, the output levels will be 2.5V and -2.5V accordingly. In addition, the logic level of the LE/HYS pin will
also be referenced to VEE. This means that the external hysteresis resistor on the TLV3603(E) needs to be
connected between the LE/HYS pin and VEE (not to ground) for proper operation.
Regardless of single supply or split supply operation, proper decoupling capacitors are required. It is
recommended to use a scheme of multiple, low-ESR ceramic capacitors from the supply pins to the ground
plane for optimum performance. A good combination would be 100 pF, 10 nF, and 1 uF with the lowest value
capacitor closest to the comparator.
TLV3601, TLV3602, TLV3603, TLV3603E
SNOSDB1E – JUNE 2021 – REVISED APRIL 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603 TLV3603E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com