Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVT
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV3601DBVT Datasheet HTML 16Page - Texas Instruments TLV3601DBVT Datasheet HTML 17Page - Texas Instruments TLV3601DBVT Datasheet HTML 18Page - Texas Instruments TLV3601DBVT Datasheet HTML 19Page - Texas Instruments TLV3601DBVT Datasheet HTML 20Page - Texas Instruments TLV3601DBVT Datasheet HTML 21Page - Texas Instruments TLV3601DBVT Datasheet HTML 22Page - Texas Instruments TLV3601DBVT Datasheet HTML 23Page - Texas Instruments TLV3601DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
7.4.3 Known Startup Condition
The TLV360x have a Power-on-Reset (POR) circuit which provides system designers a known start-up condition
for the output of the comparators. When the power supply (VCC) is ramping up or ramping down, the POR circuit
will be active when VCC is below VPOR. When active, the POR circuit holds the output low at VEE. When VCC is
greater than or equal to VPOR as stated in Section 6.5 , the comparator output reflects the state of the input pins.
Figure 7-1 shows how the TLV360x outputs respond for VCC rising. The input is configured with a logic high
input to highlight the transition from the POR circuit control (logic low output) to a standard comparator operation
where the output reflects the input condition. Note how the output goes high when VCC reaches 2.1V.
Figure 7-1. TLV3601/TLV3603 Output for VCC Rising
TLV3601, TLV3602, TLV3603, TLV3603E
SNOSDB1E – JUNE 2021 – REVISED APRIL 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603 TLV3603E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com