Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45240 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSP45240
Description  Address Sequencer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP45240 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSP45240 Datasheet HTML 1Page - Renesas Technology Corp HSP45240 Datasheet HTML 2Page - Renesas Technology Corp HSP45240 Datasheet HTML 3Page - Renesas Technology Corp HSP45240 Datasheet HTML 4Page - Renesas Technology Corp HSP45240 Datasheet HTML 5Page - Renesas Technology Corp HSP45240 Datasheet HTML 6Page - Renesas Technology Corp HSP45240 Datasheet HTML 7Page - Renesas Technology Corp HSP45240 Datasheet HTML 8Page - Renesas Technology Corp HSP45240 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
July 2004
HSP45240
Address Sequencer
Features
• Block Oriented 24-Bit Sequencer
• Configurable as Two Independent 12-Bit Sequencers
• 24 x 24 Crosspoint Switch
• Programmable Delay on 12 Outputs
• Multi-Chip Synchronization Signals
•Standard
µP Interface
• 100pF Drive on Outputs
• DC to 50MHz Clock Rate
Applications
• 1-D, 2-D Filtering
• Pan/Zoom Addressing
• FFT Processing
• Matrix Math Operations
Description
The Intersil HSP45240 is a high speed Address Sequencer
which provides specialized addressing for functions like
FFTs, 1-D and 2-D filtering, matrix operations, and image
manipulation. The sequencer supports block oriented
addressing of large data sets up to 24-bits at clock speeds
up to 50MHz.
Specialized addressing requirements are met by using the
onboard 24 x 24 crosspoint switch. This feature allows the map-
ping of the 24 address bits at the output of the address genera-
tor to the 24 address outputs of the chip. As a result, bit reverse
addressing, such as that used in FFTs, is made possible.
A single chip solution to read/write addressing is also made
possible by configuring the HSP45240 as two 12-bit
sequencers. To compensate for system pipeline delay, a
programmable delay is provided on 12 of the address out-
puts.
The HSP45240 is manufactured using an advanced CMOS
process, and is a low power fully static design. The configu-
ration of the device is controlled through a standard micro-
processor interface and all inputs/outputs, with the exception
of clock, are TTL compatible.
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HSP45240JC-33
0 to 70
68 Ld PLCC
N68.95
HSP45240JC-50
0 to 70
68 Ld PLCC
N68.95
24
DLYBLK
OUT12-23
12
OUT0-11
12
STARTIN
STARTOUT
ADDVAL
DONE
BLOCKDONE
OEH
OEL
BUSY
START
CIRCUITRY
SEQUENCE
GENERATOR
SWITCH
CROSSPOINT
REG
DELAY
1-8
PROCESSOR INTERFACE
D0-6, CS, A0, WR
FN2489.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright Harris Corporation 1997, Copyright Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HSP45240

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
Address Sequencer
February 1998
HSP45240 INTERSIL-HSP45240 Datasheet
283Kb / 13P
Address Sequencer
July 2004
HSP45240 INTERSIL-HSP45240 Datasheet
227Kb / 6P
Address Sequencer
December 1999
HSP45240/883 INTERSIL-HSP45240/883 Datasheet
141Kb / 6P
Address Sequencer
February 1998
HSP45240/883 INTERSIL-HSP45240/883 Datasheet
227Kb / 6P
Address Sequencer
December 1999
More results

Similar Description - HSP45240

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
Address Sequencer
February 1998
logo
National Semiconductor ...
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
Power Sequencer
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_04 Datasheet
283Kb / 13P
Address Sequencer
July 2004
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
Address Sequencer
December 1999
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
Power Sequencer
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
Power Sequencer
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
Power Sequencer
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
POWER SEQUENCER
Rev.1.0_02
logo
Renesas Technology Corp
SLG7NT4503V RENESAS-SLG7NT4503V Datasheet
1Mb / 13P
SEQUENCER
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com