Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45240 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSP45240
Description  Address Sequencer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP45240 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSP45240 Datasheet HTML 1Page - Renesas Technology Corp HSP45240 Datasheet HTML 2Page - Renesas Technology Corp HSP45240 Datasheet HTML 3Page - Renesas Technology Corp HSP45240 Datasheet HTML 4Page - Renesas Technology Corp HSP45240 Datasheet HTML 5Page - Renesas Technology Corp HSP45240 Datasheet HTML 6Page - Renesas Technology Corp HSP45240 Datasheet HTML 7Page - Renesas Technology Corp HSP45240 Datasheet HTML 8Page - Renesas Technology Corp HSP45240 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Pinouts
ADDRESS SEQUENCER HSP45240
68 PIN PLASTIC LEADED CHIP CARRIER (PLCC)
Pin Descriptions
NAME
TYPE
PLCC
PIN
NUMBER
DESCRIPTION
VCC
I
6, 24, 34, 41
49, 55, 68
+5V power supply pin.
GND
I
3, 9, 18, 22,
38, 46, 52,
58, 65
GROUND.
RST
I
25
RESET: This active low input causes a chip reset which lasts for 26 clocks after RST
has been deasserted. The reset initializes the Crosspoint Switch and some of the con-
figuration registers as described in the Processor Interface Section. The chip must be
clocked for reset to complete.
CLK
I
23
CLOCK: The “CLK” signal is a CMOS input which provides the basic timing for address
generation.
WR
I
19
WRITE: The rising edge of this input latches the data/address on D0-6 to be latched into
the Processor Interface.
CS
I
21
CHIP SELECT: This active “low” input enables the configuration data/address on
D0-6 to be latched into the Processor Interface.
A0
I
20
ADDRESS 0: This input defines D0-6 as a configuration register address if “high”, and
configuration data if “low”, (see Processor Interface text).
D0-6
I
11-17
DATA BUS: Data bus for Processor Interface.
OEH
I
28
OUTPUT ENABLE HIGH: This asynchronous input is used to enable the output buffers
for OUT 12-23.
9 876543 2168 67 66 65 64 63 62 61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
NC
OUT12
GND
OUT11
OUT10
VCC
OUT9
OUT8
GND
OUT7
OUT6
VCC
OUT5
OUT4
GND
OUT3
NC
NC
D0
D1
D2
D3
D4
D5
D6
GND
WR
A0
CS
GND
CLK
VCC
RST
NC
HSP45240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com