Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45240 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HSP45240
Description  Address Sequencer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP45240 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HSP45240 Datasheet HTML 5Page - Renesas Technology Corp HSP45240 Datasheet HTML 6Page - Renesas Technology Corp HSP45240 Datasheet HTML 7Page - Renesas Technology Corp HSP45240 Datasheet HTML 8Page - Renesas Technology Corp HSP45240 Datasheet HTML 9Page - Renesas Technology Corp HSP45240 Datasheet HTML 10Page - Renesas Technology Corp HSP45240 Datasheet HTML 11Page - Renesas Technology Corp HSP45240 Datasheet HTML 12Page - Renesas Technology Corp HSP45240 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
AC Test Load Circuit
AC Electrical Specifications
VCC = 5.0V +5%, TA = 0°C to 70°C, (Note 7)
PARAMETER
SYMBOL
NOTES
-33 (33MHz)
-40 (40MHz)
-50 (50MHz)
UNITS
MIN
MIN
MIN
MAX
MIN
MAX
Clock Period
tCP
30
-
25
-
20
-
ns
Clock Pulse Width High
tCH
12
-
10
-
9
-
ns
Clock Pulse Width Low
tCL
12
-
10
-
9
-
ns
Setup Time D0-6 to WR High
tDS
14
-
13
-
12
-
ns
Hold Time D0-6 from WR High
tDH
0-0-0-
ns
Setup Time A0, CS, to WR Low
tAS
5-5-5-
ns
Hold Time A0, CS, from WR High
tAH
0-0-0-
ns
Pulse Width for WR Low
tWRL
13
-
12
-
10
-
ns
Pulse Width for WR High
tWRH
13
-
12
-
10
-
ns
WR Cycle Time
tWP
30
-
25
-
20
-
ns
Setup Time STARTIN, DLYBLK to Clock High
tIS
12
-
10
-
8
-
ns
Hold Time STARTIN, DLYBLK to Clock High
tIH
0-0-0-
ns
Clock to Output Prop., Delay on OUT0-23
tPDO
-15-13
-12ns
Clock to Output Prop. Delay on STARTOUT,
BLKDONE, DONE, ADDVAL and BUSY
tPDS
-15-13
-12ns
Output Enable Time
tEN
-20-15
-13ns
Output Disable Time
tOD
Note 6
-
20
-
15
-
13
ns
Output Rise/Fall Time
tORF
Note 6
-
5-3-
3ns
RST Low Time
tRST
2 Clock Cycles
ns
NOTES:
6. Controlled by design or process parameters and not directly tested. Characterized upon initial design and after major process and/or de-
sign changes.
7. AC Testing is performed as follows: Input levels (CLK input) = 4.0V and 0V; input levels (all other inputs) = 0V and 3.0V; input timing
reference levels: (CLK) = 2.0, Others) = 1.5V; Output timing references: VOH ≥ 1.5V, VOL ≤ 1.5V.
DUT
EQUIVALENT CIRCUIT
1.5V
IOL
IOH
S1
±
NOTES:
8. Includes stray and jig capacitance.
9. Switch S1 Open for ICCSB and ICCOP Tests.
OUTPUT PIN
CL
BLOCKDONE
DONE
ADDVAL
STARTOUT
BUSY
40pF
OUTTO-23
100pF
HSP45240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com