Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 37Page - Renesas Technology Corp M66596 Datasheet HTML 38Page - Renesas Technology Corp M66596 Datasheet HTML 39Page - Renesas Technology Corp M66596 Datasheet HTML 40Page - Renesas Technology Corp M66596 Datasheet HTML 41Page - Renesas Technology Corp M66596 Datasheet HTML 42Page - Renesas Technology Corp M66596 Datasheet HTML 43Page - Renesas Technology Corp M66596 Datasheet HTML 44Page - Renesas Technology Corp M66596 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 39 of 127
2.10.1 Isochronous errors
With this controller, data transfer errors that occur in isochronous transfers can be confirmed using the OVRN
bit and the CRCE bit of the FRMNUM register. In isochronous transfers, error notification by the NRDY
interrupt can be differentiated using the OVRN bit and the CRCE bit between data buffer errors and packet
errors.
Table 2.9 and Table 2.10 show the conditions under which the OVRN bit and CRCE bit are set to “1”.
Table 2.9 Error information when an NRDY interrupt is issued in an isochronous transfer reciving direction
Bit status
Issued when:
Issue conditions
Detected error
Operation
“OVRN=1"
Data packet is
received
A new data packet is received
before reading of buffer
memory is completed
Reception data buffer
overrun
The new data packet is
thrown out
“CRCE=1"
Data packet is
received
A CRC error, or, a bit stuffing
error is detected
Received packet error
The new data is packet
thrown out
Table 2.10 Error information when an NRDY interrupt is issued in an isochronous transfer sending direction
Bit status
Issued when:
Issue conditions
Detected error
Operation
"OVRN=1"
IN token is
received
An in-token is received before
writing to buffer memory is
completed
Transmission data buffer
underrun
Zero-Length packet
transmission
"CRCE=1"
Not issued
2.10.2 SOF interrupts and frame numbers
The SOFR interrupt operation mode should be selected using the SOFRM bit of the FRMNUM register. Also,
the current frame number can be confirmed using the FRNM bit of the FRMNUM register and the UFRNM bit of
the UFRNUM register.
In the peripheral mode, with this controller, the frame numbers are refreshed at the timing at which SOF
packets are received. If the controller is unable to detect an SOF packet because the packet has been corrupted,
or for another reason, the FRNM value is retained until a new SOF packet is received. At that point, the FRNM
bit based on the SOF interpolation timer is not refreshed. Also, the UFRNM bit is incremented in response to a
uSOF packet being received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com