Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 65Page - Renesas Technology Corp M66596 Datasheet HTML 66Page - Renesas Technology Corp M66596 Datasheet HTML 67Page - Renesas Technology Corp M66596 Datasheet HTML 68Page - Renesas Technology Corp M66596 Datasheet HTML 69Page - Renesas Technology Corp M66596 Datasheet HTML 70Page - Renesas Technology Corp M66596 Datasheet HTML 71Page - Renesas Technology Corp M66596 Datasheet HTML 72Page - Renesas Technology Corp M66596 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 67 of 127
3.2.5
BEMP interrupt
The BEMP interruption is generated whichever it has chosen of Host and Peripheral mode. The (1), (2) shows the
conditions under which BEMP interrupts are generated. The cause of a BEMP for the various pipes should be
confirmed using the pertinent bit of the BEMPSTS register. If an interrupt has been disabled using the BEMPE bit of
the INTENB0 register, the interrupt request is set in the pertinent bit of the BEMPSTS register. When all of the bits
of the BEMPSTS register are cleared by softwear, the controller clears the BEMP bit of the INTSTS0 register. If a
pipe is under the conditions such as (1)(a), (1)(b), or (2) bellow, the controller sets “1” to a pertinent bit of the
BEMPSTS
register. In this case, the controller generats BEMP interrupt, if software enables PIPENBEMPE bit of the
BEMPENB
register and BEMPE bit of the INTENB0 register. When software clears all enabled bits of the BEMPSTS
register, the controller clears the BEMP bit.
(1)
When the sending direction (writing to the buffer memory) has been set
When all of the data stored in the buffer memory has been sent
If a double buffer is being used for the buffer memory, however, the following conditions are observed.
(a) A BEMP interrupt is generated if the buffer on one side is empty and sending of data from the buffer on the
opposite side has been completed.
(b) A BEMP interrupt is generated if data consisting of less than eight bytes is being written to the buffer on
one side and sending of data from the buffer on the opposite side has been completed.
(c)
A BEMP interrupt is not generated if data consisting of eight bytes or more is being written to the buffer on
one side and sending of data from the buffer on the opposite side has been completed.
(2) When the receiving direction (reading of the buffer memory) has been set
If the size of the data packet that was received exceeded the maximum packet size
At this point, if the other maximum packet size parameters were set to a value other than “0” ("MXPS≠0"),
the controller sets the PID bit of the pertinent pipe to “STALL”.
Figure 3.15 shows the timing at which BEMP interrupts are generated.
Peripheral device data sending
Peripheral device data
IN Token Packet
OUT Token Packet
ACK Handshake
Data Packet
STALL Handshake
Data Packet
USB bus
USB bus
BEMP interrupt
BEMP interrupt
Figure 3.15 Timing at which BEMP interrupts are generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com