Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 7Page - Renesas Technology Corp M66596 Datasheet HTML 8Page - Renesas Technology Corp M66596 Datasheet HTML 9Page - Renesas Technology Corp M66596 Datasheet HTML 10Page - Renesas Technology Corp M66596 Datasheet HTML 11Page - Renesas Technology Corp M66596 Datasheet HTML 12Page - Renesas Technology Corp M66596 Datasheet HTML 13Page - Renesas Technology Corp M66596 Datasheet HTML 14Page - Renesas Technology Corp M66596 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 9 of 127
1.6 Block diagram
The controller is consists of an analog front end unit (AFE), a protocol engine unit (Prtcl_Eng) that includes an SIE,
a pipe control unit (Pipe_Ctrl), a transaction schedule control unit(Schedule Ctrl), a FIFO port unit (FIFO_Port), a
buffer memory unit (Buf_Mem), an interrupt control unit (Int_Ctrl), a bus interface unit (BIU), and a CPU interface
register unit (CPU_IF_Reg). Figure 1.4 shows a block diagram of the controller.
When data is being sent and received between M66596 and a USB peripheral(or host) controller connected on the
USB bus, a buffer memory assigned to each of the pipes is used. Two-way communication is possible by the controller
changing data stored in the buffer memory into USB data packets and outputting them to the USB bus using serial
output, and by inputting data packets on the USB bus which are then stored in the buffer memory.
A6(/ALE), A5-1,
D15-7, D6-1(/AD6-1), D0,
CS_N, RD_N,
WR0_N,WR1_N
MPBUS
CPU bus interface
INT_N, SOF_N
CPU_IF_Reg
Interrupt / SOF output
I/O power supply
Core power supply
AFE power supply
Ground
AFE ground
VDD
VIF
AFEA33V, AFED33V
AFEA15V, AFED15V
AFEA33G,AFED33G
AFEA15G,AFED15G
DGND
USB interface
Split bus
SD7-0
DP, DM
DREQ0_N, DREQ1_N
DACK0_N,
DACK1_N/DSTB0_N,
DEND0_N, DEND1_N
DMA interface
VBUS monitor
VBUS
System control
RST_N, TEST
Reference resistance
REFRIN
Clock
XIN, XOUT
Schedule
_Ctrl
Figure 1.4 Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com