Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC93R51 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # MPC93R51
Description  Low Voltage PLL Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R51 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button MPC93R51 Datasheet HTML 6Page - Renesas Technology Corp MPC93R51 Datasheet HTML 7Page - Renesas Technology Corp MPC93R51 Datasheet HTML 8Page - Renesas Technology Corp MPC93R51 Datasheet HTML 9Page - Renesas Technology Corp MPC93R51 Datasheet HTML 10Page - Renesas Technology Corp MPC93R51 Datasheet HTML 11Page - Renesas Technology Corp MPC93R51 Datasheet HTML 12Page - Renesas Technology Corp MPC93R51 Datasheet HTML 13Page - Renesas Technology Corp MPC93R51 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MPC93R51
REVISION 4 MARCH 14, 2016
11
©2013 Integrated Device Technology, Inc.
MPC93R51 Data Sheet
LOW VOLTAGE PLL CLOCK DRIVER
Figure 12. Propagation Delay (tPD, Static Phase
Offset) Test Reference
Figure 13. Propagation Delay (tPD) Test Reference
Figure 14. Output Duty Cycle (DC)
Figure 15. Output-to-Output Skew tSK(O)
VCC
VCC 2
GND
t()
PCLK
Ext_FB
PCLK
VCMR
VCMR
The pin-to-pin skew is defined as the worst case difference
in propagation delay between any similar delay path within a
single device.
VCC
VCC 2
GND
VCC
VCC 2
GND
tSK(O)
VCC
VCC 2
GND
VCC
VCC 2
GND
t()
TCLK
Ext_FB
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage.
VCC
VCC 2
GND
tP
T0
DC = tP/T0 x 100%
Figure 16. Cycle-to-Cycle Jitter
Figure 18. I/O Jitter
Figure 19. Transition Time Test Reference
tF
tR
VCC=3.3 V
2.4
0.55
TJIT() = |T0–T1mean|
TCLK
(PCLK)
Ext_FB
The deviation in t0 for a controlled edge with respect to a t0 mean
in a random sample of cycles.
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs.
TN
TJIT(CC) = |TN–TN+1|
TN+1
The deviation in cycle time of a signal with respect to the ideal
period over a random sample of cycles.
TJIT(PER) = |TN–1/f0|
T0
Figure 17. Period Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com