Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2333 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 5 Page - Diodes Incorporated

  AS2333 Datasheet HTML 1Page - Diodes Incorporated AS2333 Datasheet HTML 2Page - Diodes Incorporated AS2333 Datasheet HTML 3Page - Diodes Incorporated AS2333 Datasheet HTML 4Page - Diodes Incorporated AS2333 Datasheet HTML 5Page - Diodes Incorporated AS2333 Datasheet HTML 6Page - Diodes Incorporated AS2333 Datasheet HTML 7Page - Diodes Incorporated AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
5 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Typical Performance Characteristics
Supply Current vs. Temperature
Input Offset Voltage vs. Input Common Mode Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
20
22
24
26
28
30
32
34
36
38
40
Dual OPAs
V
S = 1.8V
V
S = 5V
V
IN+ = VS / 2
No Load
Ambient Temperature (OC)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-20
-10
0
10
20
Input Common Mode Voltage (V)
V+ = 2.5V
V- = -2.5V
Output Characteristics-Sourcing Current
Output Characteristics-Sinking Current
Large Signal Response
Small Signal Response
VOUT
1V/div
Unity Gain
VS = 5.0V
RL = 10kΩ
Unity Gain
VS = 5.0V
RL = 10kΩ
VIN
1V/div
VIN
100mV/div
VOUT
100mV/div
Time 10μs/div
Time 10μs/div
0.01
0.1
1
1
10
100
1000
10000
Output Source Current (mA)
V+ = 5.0V, V- = 0
T
A = +25
OC
0.1
1
10
0.01
0.1
1
Output Sink Current (mA)
V+ = 5.0V, V- = 0
T
A = +25
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com