Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2333 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated AS2333 Datasheet HTML 10Page - Diodes Incorporated AS2333 Datasheet HTML 11Page - Diodes Incorporated AS2333 Datasheet HTML 12Page - Diodes Incorporated AS2333 Datasheet HTML 13Page - Diodes Incorporated AS2333 Datasheet HTML 14Page - Diodes Incorporated AS2333 Datasheet HTML 15Page - Diodes Incorporated AS2333 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
12 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1) Package Type: SO-8
(2) Package Type: MSOP-8
1
b
e
E
A
A1
9° (
All si
des)
4°±3°
c
Q
h
R 0.
1
7°
D
E0
E1
L
Seating Plane
Gauge Plane
A
A1
A2
e
Seating Plane
Gauge Plane
0.25
L
4X10°
4X
10°
See Detail C
Detail C
c
E1
E3
A3
1
E
y
x
D
b
SO-8
Dim
Min
Max
Typ
A
1.40
1.50
1.45
A1
0.10
0.20
0.15
b
0.30
0.50
0.40
c
0.15
0.25
0.20
D
4.85
4.95
4.90
E
5.90
6.10
6.00
E1
3.80
3.90
3.85
E0
3.85
3.95
3.90
e
--
--
1.27
h
--
--
0.35
L
0.62
0.82
0.72
Q
0.60
0.70
0.65
All Dimensions in mm
MSOP-8
Dim Min Max Typ
A
-
1.10
-
A1 0.05 0.15 0.10
A2 0.75 0.95 0.86
A3 0.29 0.49 0.39
b 0.22 0.38 0.30
c
0.08 0.23 0.15
D 2.90 3.10 3.00
E 4.70 5.10 4.90
E1 2.90 3.10 3.00
E3 2.85 3.05 2.95
e
-
-
0.65
L 0.40 0.80 0.60
a
0°
8°
4°
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com