Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2333 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated AS2333 Datasheet HTML 10Page - Diodes Incorporated AS2333 Datasheet HTML 11Page - Diodes Incorporated AS2333 Datasheet HTML 12Page - Diodes Incorporated AS2333 Datasheet HTML 13Page - Diodes Incorporated AS2333 Datasheet HTML 14Page - Diodes Incorporated AS2333 Datasheet HTML 15Page - Diodes Incorporated AS2333 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
13 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Package Outline Dimensions (continued)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(3) Package Type: U-DFN3030-8 (Type E)
D
D2
E
e
b
L
E2
A
A3
( Pin #1 ID)
Seating Plane
z
A1
U-DFN3030-8
(Type E)
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0.00
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
2.95
3.05
3.00
D2
2.15
2.35
2.25
E
2.95
3.05
3.00
E2
1.40
1.60
1.50
e
-
-
0.65
L
0.30
0.60
0.45
z
-
-
0.40
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com