Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2333 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AS2333 Datasheet HTML 2Page - Diodes Incorporated AS2333 Datasheet HTML 3Page - Diodes Incorporated AS2333 Datasheet HTML 4Page - Diodes Incorporated AS2333 Datasheet HTML 5Page - Diodes Incorporated AS2333 Datasheet HTML 6Page - Diodes Incorporated AS2333 Datasheet HTML 7Page - Diodes Incorporated AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated AS2333 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
6 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Typical Performance Characteristics (continued)
Small Signal Response
Small Signal Response
Negative Overvoltage Response
Positive Overvoltage Response
Output Voltage Swing from Rail
Voltage Noise Spectral Density
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Positive
Negative
Ambient Temperature (OC)
V
S = 5.0V
R
L = 10kΩ to VS / 2
Unity Gain
VS = 5.0V
RL = 10kΩ
CL = 220pF
Unity Gain
VS = 5.0V
RL = 10kΩ
CL = 100pF
V+ = 2.5V, V- = -2.5V
Av = -10
V+ = 2.5V, V- = -2.5V
Av = -10
VOUT
100mV/div
VIN
100mV/div
Time 10μs/div
Time 10μs/div
Time 50μs/div
Time 50μs/div
VIN
100mV/div
VOUT
100mV/div
VOUT
500mV/div
VOUT
500mV/div
VIN
1V/div
VIN
1V/div
100
1k
10k
1
10
100
1000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com