Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9980PCB Datasheet(PDF) 37 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 33Page - Analog Devices AD9980PCB Datasheet HTML 34Page - Analog Devices AD9980PCB Datasheet HTML 35Page - Analog Devices AD9980PCB Datasheet HTML 36Page - Analog Devices AD9980PCB Datasheet HTML 37Page - Analog Devices AD9980PCB Datasheet HTML 38Page - Analog Devices AD9980PCB Datasheet HTML 39Page - Analog Devices AD9980PCB Datasheet HTML 40Page - Analog Devices AD9980PCB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
AD9980
Rev. 0 | Page 37 of 44
0x25
5
Vsync0 Polarity
Indicates the polarity of Vsync0 input.
Table 70. Detected Vsync0 Polarity Results
Detect
Result
0
Vsync polarity is negative
1
Vsync polarity is positive
0x25
4
Vsync1 Polarity
Indicates the polarity of Vsync1 input.
Table 71. Detected Vsync1 Polarity Results
Detect
Result
0
Vsync polarity is negative
1
Vsync polarity is positive
0x25
3
Coast Polarity
Indicates the polarity of the external Coast signal.
Table 72. Detected Coast Polarity Results
Detect
Result
0
Coast polarity is negative
1
Coast polarity is positive
0x25
2
Clamp Polarity
Indicates the polarity of the clamp signal.
Table 73. Detected Clamp Polarity Results
Detect
Result
0
Clamp polarity is negative
1
Clamp polarity is positive
0x25
1
Extraneous Pulses Detection
A second output from the Hsync filter, this status bit tells
whether extraneous pulses are present on the incoming sync
signal. Often extraneous pulses are used for copy protection, so
this status bit can be used for this purpose.
Table 74. Equalization Pulse Detect Bit
Detect
Result
0
No equalization pulses detected during
active Hsync
1
Equalization pulses detected during
active Hsync
HSYNC COUNT
0x26
7:0
Hsyncs/Vsync MSB
The 8 MSBs of the 12-bit counter that reports the
number of Hsyncs/Vsync on the active input. This is
useful for determining the mode and is an aid in
setting the PLL divide ratio.
0x27
7:4
Hsyncs/Vsync LSBs
The 4 LSBs of the 12-bit counter that reports the
number of Hsyncs/Vsync on the active input.
Test Registers
0x28
7:0
Test Register 1
Must be written to 0xBF for proper operation.
0x29
7:0
Test Register 2
Must be written to 0x00 for proper operation.
0x2A
7:0
Test Register 3
Read only bits for future use.
0x2B
7:0
Test Register 4
Read only bits for future use.
0x2C
7:5
Must be written to 000 for proper operation.
0x2C
4
Auto-Offset Hold
A bit for controlling whether the auto-offset function
runs continuously or runs once and holds the result.
Continuous updates are recommended because it
allows the AD9980 to compensate for drift-over time,
temperature, etc. If one-time updates are preferred,
these should be performed every time the part is
powered up and when there is a mode change. To do a
one-time update, first auto-offset must be enabled
(Register 0x1B, Bit 5). Next, this bit (auto-offset hold)
must first be set to 0 to let the auto-offset function
operate and settle to a final value. Auto-offset hold
should then be set to 1 to hold the offset values that
the auto circuitry calculates. The AD9980’s auto-offset
circuit’s maximum settle time is 10 updates. For
example, if the update frequency is set to once every
64 Hsyncs, then the maximum settling time would be
640 Hsyncs (10 × 64 Hsyncs).
Table 75. Auto-Offset Hold
Select
Result
0
Allows auto-offset to update continuously
1
Disables auto-offset updates and holds the
current auto-offset values
0x2C
3:0
Must be written to 0x0 for proper operation.
0x2D
7:0
Test Register 5
Read/write bits for future use. Must be written to
0xE8 for proper operation.
0x2E
7:0
Test Register 6
Read/write bits for future use. Must be written to
0xE0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com