Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9980PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 23Page - Analog Devices AD9980PCB Datasheet HTML 24Page - Analog Devices AD9980PCB Datasheet HTML 25Page - Analog Devices AD9980PCB Datasheet HTML 26Page - Analog Devices AD9980PCB Datasheet HTML 27Page - Analog Devices AD9980PCB Datasheet HTML 28Page - Analog Devices AD9980PCB Datasheet HTML 29Page - Analog Devices AD9980PCB Datasheet HTML 30Page - Analog Devices AD9980PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD9980
Rev. 0 | Page 27 of 44
Hexadecimal
Address
Read and
Write or
Read Only
Bits
Default
Value
Register
Name
Description
0x26
RO
7:0
Hsyncs Per
Vsync MSBs
MSBs of Hsyncs per Vsync count.
0x27
RO
7:4
Hsyncs Per
Vsync LSBs
LSBs of Hsyncs per Vsync count.
0x28
R/W
7:0
1011 1111
TestReg1
Must be written to 0xBF for proper operation.
0x29
R/W
7:0
0000 0010
TestReg2
Must be written to 0x02 for proper operation.
0x2A
RO
7:0
TestReg3
Read-only bits for future use.
0x2B
RO
7:0
TestReg4
Read-only bits for future use.
0x2C
R/W
7:5
000* ****
Offset Hold
Must be written to default for proper operation.
4
***0 ****
Auto-Offset Hold.
Disables the auto-offset and holds the feedback result.
1 = One time update.
0 = Continuous update.
3:0
**** 0000
Must be written to default for proper operation.
0x2D
R/W
7:0
1111 0000
TestReg5
Must be written to 0xE8 for proper operation.
0x2E
R/W
7:0
1111 0000
TestReg6
Must be written to 0xE0 for proper operation.
1 Functions with more than eight control bits, such as PLL divide ratio, gain, and offset, are only updated when the LSBs are written to (for example, Register 0x02 for
PLL divide ratio).
2 Gain registers (Register 0x05, Register 0x07 and Register 0x09) when written to must each be followed with a write to their next register: Register 0x05 and Register
0x06, Register 0x07 and Register 0x08, and Register 0x09 and Register 0x0A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com