Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9980PCB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 34Page - Analog Devices AD9980PCB Datasheet HTML 35Page - Analog Devices AD9980PCB Datasheet HTML 36Page - Analog Devices AD9980PCB Datasheet HTML 37Page - Analog Devices AD9980PCB Datasheet HTML 38Page - Analog Devices AD9980PCB Datasheet HTML 39Page - Analog Devices AD9980PCB Datasheet HTML 40Page - Analog Devices AD9980PCB Datasheet HTML 41Page - Analog Devices AD9980PCB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD9980
Preliminary Technical Data
Rev. 0 | Page 38 of 44
TWO-WIRE SERIAL CONTROL PORT
A two-wire serial interface control interface is provided. Up to
two AD9980 devices may be connected to the two-wire serial
interface with each device having a unique address.
The two-wire serial interface comprises a clock (SCL) and a bi-
directional data pin (SDA). The analog flat panel interface acts
as a slave for receiving and transmitting data over the serial
interface. When the serial interface is not active, the logic levels
on SCL and SDA are pulled high by external pull-up resistors.
Data received or transmitted on the SDA line must be stable for
the duration of the positive going SCL pulse. Data on SDA must
change only when SCL is low. If SDA changes state while SCL is
high, the serial interface interprets that action as a start or stop
sequence.
The following are the five components to serial bus operation:
•
Start signal
•
Slave address byte
•
Base register address byte
•
Data byte to read or write
•
Stop signal
When the serial interface is inactive (SCL and SDA are high),
communication is initiated by sending a start signal. The start
signal is a high-to-low transition on SDA while SCL is high.
This signal alerts all slaved devices that a data transfer sequence
is coming.
The first eight bits of data transferred after a start signal
comprise a 7-bit slave address (the first seven bits) and a single
R/W\ bit (the eighth bit). The R/W\ bit indicates the direction
of data transfer: read from 1 or write to 0 on the slave device. If
the transmitted slave address matches the address of the device
(set by the state of the Serial A0 address [SA0] input pin in
Table 76), the AD9980 acknowledges the match by bringing
SDA low on the ninth SCL pulse. If the addresses do not match,
the AD9980 does not acknowledge it.
Table 76. Serial Port Addresses
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
A6 (MSB)
A5
A4
A3
A2
A1
A0
1
0
0
1
1
0
0
1
0
0
1
1
0
1
DATA TRANSFER VIA SERIAL INTERFACE
For each byte of data read or written, the MSB is the first bit in
the sequence.
If the AD9980 does not acknowledge the master device during a
write sequence, the SDA remains high so the master can gener-
ate a stop signal. If the master device does not acknowledge the
AD9980 during a read sequence, the AD9980 interprets this as
end-of-data. The SDA remains high so the master can generate
a stop signal.
Writing data to specific control registers of the AD9980 requires
that the 8-bit address of the control register of interest be writ-
ten after the slave address has been established. This control
register address is the base address for subsequent write opera-
tions. The base address auto-increments by one for each byte of
data written after the data byte intended for the base address. If
more bytes are transferred than there are available addresses,
the address will not increment and remains at its maximum
value of 0x2E. Any base address higher than 0x2E does not pro-
duce an acknowledge signal. Data are read from the control
registers of the AD9980 in a similar manner. Reading requires
two data transfer operations:
The base address must be written with the R/W bit of the slave
address byte low to set up a sequential read operation. Reading
(the R/W\ bit of the slave address byte high) begins at the
previously established base address. The address of the read
register auto-increments after each byte is transferred.
To terminate a read/write sequence to the AD9980, a stop signal
must be sent. A stop signal comprises a low-to-high transition
of SDA while SCL is high.
A repeated start signal occurs when the master device driving
the serial interface generates a start signal without first gener-
ating a stop signal to terminate the current communication.
This is used to change the mode of communication (read, write)
between the slave and master without releasing the serial
interface lines.
SDA
SCL
tBUFF
tSTAH
tDHO
tDSU
tDAL
tDAH
tSTASU
tSTOSU
Figure 17. Serial Port Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com