Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFE150DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # JFE150DBVT
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button JFE150DBVT Datasheet HTML 7Page - Texas Instruments JFE150DBVT Datasheet HTML 8Page - Texas Instruments JFE150DBVT Datasheet HTML 9Page - Texas Instruments JFE150DBVT Datasheet HTML 10Page - Texas Instruments JFE150DBVT Datasheet HTML 11Page - Texas Instruments JFE150DBVT Datasheet HTML 12Page - Texas Instruments JFE150DBVT Datasheet HTML 13Page - Texas Instruments JFE150DBVT Datasheet HTML 14Page - Texas Instruments JFE150DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Input Protection Diodes
The JFE150 features diodes that are used to help clamp voltage surges that can occur on the input sensor
to the gate. The diodes are connected between the gate and two separate pins, VCL and VCH. The clamping
mechanism works by steering current from the gate into the VCL or VCH nodes when the voltage at the gate
is less than VCL or greater than VCH. Figure 9-1 shows an example of a microphone input circuit where a dc
blocking capacitor operates with a large dc voltage. When the microphone input is dropped or shorted, the dc
blocking capacitor discharges into the VCL or VCH nodes, thus helping eliminate large signal transient voltages
on the gate. There are also clamping diodes from the drain and source to VCL and VCH, respectively. The
clamping diodes can withstand high surge currents up to 200 mA for 50 ms; however, limit dc current to less than
20 mA.
JFE150
RG
10 …F
10 …F
48 V
RB
C
DC
iG
6.8 kŸ
R
L
VCH
D
S
VCL
G
Figure 9-1. JFE150 Clamping Diode Example
Figure 9-1 shows an example of configuring the diode clamp to protect the JFET against overvoltage in a
phantom-powered microphone circuit. Phantom power typically delivers 48 V through a 6.8-kΩ pullup resistor to
a microphone or dynamic load. If the microphone is disconnected, dc blocking capacitor CDC can be biased up to
48 V. If the input to the capacitor is then shorted to ground (shown by the switch in Figure 9-1), the gate voltage
can exceed the absolute maximum rating for VGS. In this case, the blocking diode is used, along with current
limiting resistors RG and RL, to clamp the gate voltage to a safe level. Be aware that the thermal noise of RG
couples directly into the gate input; therefore, make sure to minimize the resistance of RG.
The clamping diodes are not required for operation. The VGS voltage can withstand –40 V, so clamping is not
required if the VGS voltage is kept greater than this limit. If the diodes are not needed, leave the VCL and VCH
nodes floating.
Most previous-generation JFET devices featured only three pins (gate, source, and drain). For these devices,
the gate pin is in the same physical location as the VCL pin on the JFE150. To test the JFE150 in a three-pin
socket, short pin 2 of the JFE150 (VCL) to pin 3 (G). When the devices are connected with pin 2 shorted to pin 3,
the diode from VCL is shorted out and cannot provide any clamping protection. The input capacitance (CISS) also
increases by 1 pF; see Figure 6-12.
www.ti.com
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com