Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFE150DBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # JFE150DBVT
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button JFE150DBVT Datasheet HTML 8Page - Texas Instruments JFE150DBVT Datasheet HTML 9Page - Texas Instruments JFE150DBVT Datasheet HTML 10Page - Texas Instruments JFE150DBVT Datasheet HTML 11Page - Texas Instruments JFE150DBVT Datasheet HTML 12Page - Texas Instruments JFE150DBVT Datasheet HTML 13Page - Texas Instruments JFE150DBVT Datasheet HTML 14Page - Texas Instruments JFE150DBVT Datasheet HTML 15Page - Texas Instruments JFE150DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
9.1.2 Capacitive Transducer Input Stage
Piezoelectric transducers are used for many different applications that require low-noise, high-gain performance.
These transducers exhibit high output impedance (> 10 MΩ), and therefore require very high impedance loading
for subsequent input stages. The JFE150 has ultra-low input gate current (maximum IG = ±10 pA) and low
input capacitance (CISS = 24 pF), which makes the device an excellent choice for transducers with an effective
capacitance of greater than 240 pF. For smaller, lower-capacitance transducers, the CISS can impact the gain of
the front end by attenuating the input signal, thereby reducing the noise performance.
9.1.3 Common-Source Amplifier
The common-source amplifier is a commonly used open-loop gain stage for JFET amplifiers. Figure 9-2 shows
the basic circuit.
V
+
JFE150
V
IN
R
D
R
S
+
±
+
±
+
±
RG
VOUT
Figure 9-2. Common-Source Amplifier
Equation 1 shows the equation for gain of the circuit in Figure 9-2.
VOUTVIN= −  gm*RD
1+gm*RS
(1)
Generally, higher gain results in improved noise performance. Gain increases as the bias current is increased
as a result of increasing gm (see Figure 6-4). As a result, the input-referred noise decreases as bias current
is increased (see Figure 6-9). Any JFET design must make a tradeoff between current consumption and
noise performance. The JFE150, however, delivers significantly lower noise performance than most operational
amplifiers at the same current consumption. The bias current (IDS) is set by the value of the source resistor, RS,
and the threshold voltage, VT, of the JFE150. Figure 9-3 is a graph showing nominal IDS vs RS.
Figure 9-3. Drain-to-Source Current vs RS, VDS = 5 V
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com