Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51001 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 6Page - Renesas Technology Corp SLG51001 Datasheet HTML 7Page - Renesas Technology Corp SLG51001 Datasheet HTML 8Page - Renesas Technology Corp SLG51001 Datasheet HTML 9Page - Renesas Technology Corp SLG51001 Datasheet HTML 10Page - Renesas Technology Corp SLG51001 Datasheet HTML 11Page - Renesas Technology Corp SLG51001 Datasheet HTML 12Page - Renesas Technology Corp SLG51001 Datasheet HTML 13Page - Renesas Technology Corp SLG51001 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
10 of 25
© 2022 Renesas Electronics Corporation
3.6
1.2 V/1.8 V Digital I/O Characteristics
1.2 V/1.8 V digital I/O electrical characteristics apply over the full operating temperature range, see
Section 3.1.1. The voltage thresholds for all I/Os are referenced to VDDIO, where VDDIO can be
1.2 V or 1.8 V. The supply configuration options depend on the I/O, see Register Definition.
Table 8: 1.2 V/1.8 V Digital I/O Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
GPIO1 to GPIO2
VTHR_PO
S
Positive going threshold
voltage
0.4*V
DDIO
0.7*V
DDIO
V
VTHR_NE
G
Negative going threshold
voltage
0.3*V
DDIO
0.6*V
DDIO
V
VOL
Output low voltage
IOUT
≤ IOL
0
0.3
V
IOL
Output current
VOL = 0.3 V
2
13
mA
ILKG
Input leakage
500
nA
SCL, SDA, GPIO3 and GPI4
VTHR_PO
S
Positive going threshold
voltage
0.4*V
DDIO
0.7*V
DDIO
V
VTHR_NE
G
Negative going threshold
voltage
0.3*V
DDIO
0.6*V
DDIO
V
VHYS
Schmitt trigger hysteresis
0.1*V
DDIO
V
VOL
Output low voltage
SDA, GPIO5
IOUT
≤ IOL
0
0.3
V
IOL
Output current
VOL = 0.3 V
20
mA
ILKG
Input leakage
500
nA
CIN
Pin capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com