Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51001 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SLG51001
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SLG51001 Datasheet HTML 16Page - Renesas Technology Corp SLG51001 Datasheet HTML 17Page - Renesas Technology Corp SLG51001 Datasheet HTML 18Page - Renesas Technology Corp SLG51001 Datasheet HTML 19Page - Renesas Technology Corp SLG51001 Datasheet HTML 20Page - Renesas Technology Corp SLG51001 Datasheet HTML 21Page - Renesas Technology Corp SLG51001 Datasheet HTML 22Page - Renesas Technology Corp SLG51001 Datasheet HTML 23Page - Renesas Technology Corp SLG51001 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
20 of 25
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
RON
On resistance
40
mΩ
SRACC
Slew rate accuracy
-35
35
%
ILIM_ACC
Current limit accuracy
-35
35
%
IQ_OFF
Quiescent current in off
mode
TA = 25 °C
2
μA
Note 1
Input is capable down to 0.4 V. Please contact Renesas for more information
Note 2
Register bit SEL_BYP_VGATE must be set to 0 for VIN between 0.5 V and 0.8 V, and is
recommended to be set to 1 for VIN between 0.8 V and 1.25 V.
Note 3
Current limit is guaranteed for VIN > 0.7 V. Below 0.7 V, a functional current limit is not guaranteed.
3.10 VREF, IREF, Temperature Supervision Characteristics
Table 13: VREF, IREF, Temperature Supervision Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Programmable Conditions
VREF
Reference voltage
Internal VREF
1.2
V
TWARN
Warning temperature
threshold, programmable to
(90, 100, 110, 120) °C
90
120
°C
TWARN_H
YS
Warning temperature
hysteresis, programmable to
(0, 14) °C
14
°C
Electrical Performance
VREF_ACC
Reference voltage accuracy
Internal VREF
-1
1
%
TOT
Thermal shutdown over-
temperature
125
140
155
°C
TWARN_A
CC
Warning temperature
threshold accuracy
-5
5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com