Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 106Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 107Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 108Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 109Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 110Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 111Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 112Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 113Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
110
January 26, 2016
4.4.
MCU INTERRUPTS
4.4.1.
Interrupts Organization
Figure 4.4 shows the peripheral interrupts with the related control and status registers. Each peripheral has a
unique IRQ line that is attached to dedicated interrupt lines 0 to 5, which go to the nested vector interrupt
controller (NVIC) module within the ARM® CORTEX™-M0 processor. For more information about the NVIC, refer
to the NVIC chapter of the ARM® CORTEX™-M0 Document Kit.
Figure 4.4 MCU Interrupt Logic Organization
Line 0
Line 1
Line 2
Line 3
Line 4
Line 5
FLASH
SW-LIN
SPI
32 BIT TIMER
GPIO
IRQEN
IRQEDGE
Z1_LINIRQEN
Z1_LINSTAT
Z1_SPISTAT
Z1_SPICFG
Peripherals
ARM® CORTEX™-M0 CORE
SBC
Interrupt
Controller
SBC
NVIC
Interrupt
Controller
CORTEX™-M0
PROCESSOR
TIMER MODULE
(Counter Overflow)
FC-IRQ-EN
FC-STAT-CORE
NMI
ECC
PROG: Double Bit Error
MCU
CONTAINS IRQ EN BITS
IRQN
Note: The Systick has an NVIC number of -1 which is within the Cortex™-M0 core. For more details, refer to the
ARM® CORTEX™-M0 Document Kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com