Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24066 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 18Page - Microchip Technology MIC24066 Datasheet HTML 19Page - Microchip Technology MIC24066 Datasheet HTML 20Page - Microchip Technology MIC24066 Datasheet HTML 21Page - Microchip Technology MIC24066 Datasheet HTML 22Page - Microchip Technology MIC24066 Datasheet HTML 23Page - Microchip Technology MIC24066 Datasheet HTML 24Page - Microchip Technology MIC24066 Datasheet HTML 25Page - Microchip Technology MIC24066 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
MIC24066/7
DS20006730A-page 22
 2022 Microchip Technology Inc. and its subsidiaries
EQUATION 4-4:
It is assumed that the time constant associated with
CFF must be much greater than the switching period:
EQUATION 4-5:
If the voltage divider resistors R1 and R2 are in the kΩ
range, a CFF of 1 nF to 22 nF can easily satisfy the
large time constant requirements. Also, an 100 nF
injection capacitor CINJ is used in order to be
considered as short for a wide range of the
frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
1.
Select CFF to feed all output ripples into the
feedback pin and make sure the large time con-
stant assumption is satisfied. Typical choice of
CFF is 1 nF to 22 nF if R1 and R2 are in kΩ
range.
2.
Select RINJ according to the expected feedback
voltage ripple using Equation 4-6:
EQUATION 4-6:
3.
Select CINJ as 100 nF, which could be
considered as short for a wide range of the
frequencies.
4.5
Detailed Device Description
The MIC24066 always operates in CCM and soft start
is adjustable with external capacitor. MIC24067 has
MODE selector for CCM/DCM and has fix internal sift
start.
4.5.1
HYPERLIGHT LOAD (HLL) MODE
(MIC24067)
In continuous mode, the inductor current can go
negative at light loads. However, at light loads the
MIC24067 is able to force the inductor current to
operate in discontinuous mode when MODE is set to
HLL Mode. In HLL mode, the efficiency is optimized by
shutting down all the non-essential circuits and
minimizing the supply current. The MIC24067 wakes
up and turns on the high-side MOSFET when the
feedback voltage VFB drops below 0.6V.
The MIC24067 has a zero crossing comparator (ZC
Detection) that monitors the inductor current by
sensing the voltage drop across the low-side MOSFET
during its ON-time. If the VFB >0.6V and the inductor
current goes slightly negative, then the MIC24067
automatically power down most of the IC circuitry and
goes into a low-power mode.
Once the MIC24067 goes into discontinuous mode,
both the high-side and low-side MOSFETs are kept in
off state. The load current is supplied by the output
capacitors and VOUT drops. If the drop of VOUT causes
VFB to go below VREF, then all the circuits will wake up
into normal continuous mode. Figure 4-10 shows the
control loop timing in discontinuous mode.
FIGURE 4-10:
MIC24066/7 Control Loop
Timing (HLL Mode).
During discontinuous mode, the bias current of most
circuits are reduced. As a result, the total power supply
current during discontinuous mode is only about
300 μA, allowing the MIC24066/7 to achieve high
efficiency in light load applications.
V
FB PP

VIN KDIV
D
1D
–

1
fSW 
-----------------
=
KDIV
R1 R2

RINJ R1 R2

+
-------------------------------------
=
Where:
VIN
= Power stage input voltage
D
= Duty Cycle
fSW
= Switching Frequency
τ
= (R1//R2//RINJ) × CFF
1
fSW 
-----------------
T
--- 1
«
=
KDIV
V
FB PP

VIN
------------------------
fSW 
D1 D
–

----------------------------
=
Then the value or RINJ is obtained as:
RINJ
R1 R2


1
KDIV
------------ 1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com