Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24066 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 4 Page - Microchip Technology

  MIC24066 Datasheet HTML 1Page - Microchip Technology MIC24066 Datasheet HTML 2Page - Microchip Technology MIC24066 Datasheet HTML 3Page - Microchip Technology MIC24066 Datasheet HTML 4Page - Microchip Technology MIC24066 Datasheet HTML 5Page - Microchip Technology MIC24066 Datasheet HTML 6Page - Microchip Technology MIC24066 Datasheet HTML 7Page - Microchip Technology MIC24066 Datasheet HTML 8Page - Microchip Technology MIC24066 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MIC24066/7
DS20006730A-page 4
 2022 Microchip Technology Inc. and its subsidiaries
Functional Block Diagram
SW
PGND
PG
VDD
BST
PVDD
FREQ
Q1
Q2
PVDD
PVIN
ILIM
ZCD
THERMAL
SHUTDOWN
TON
ESTIMATION
SOFT-
START
Control
Logic
CURRENT LIMIT
DETECTION
AGND
UVLO
LINEAR
REGULATOR
EN
EXTVDD
LINEAR
REGULATOR
gm
gm
FB
COMPENSATION
0.6V
VREF
0.6V
VREF
VREF
FB
SVIN
0.9
SS/MODE
4.6V
4.6V
SW
PGND
PG
VDD
BST
PVDD
FREQ
Q1
Q2
PVDD
PVIN
ILIM
ZCD
THERMAL
SHUTDOWN
TON
ESTIMATION
SOFT-
START
Control
Logic
CURRENT LIMIT
DETECTION
AGND
UVLO
LINEAR
REGULATOR
EN
EXTVDD
LINEAR
REGULATOR
gm
FB
COMPENSATION
0.6V
VREF
VREF
FB
SVIN
0.9
SS/MODE
4.6V
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com