Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24066 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 25Page - Microchip Technology MIC24066 Datasheet HTML 26Page - Microchip Technology MIC24066 Datasheet HTML 27Page - Microchip Technology MIC24066 Datasheet HTML 28Page - Microchip Technology MIC24066 Datasheet HTML 29Page - Microchip Technology MIC24066 Datasheet HTML 30Page - Microchip Technology MIC24066 Datasheet HTML 31Page - Microchip Technology MIC24066 Datasheet HTML 32Page - Microchip Technology MIC24066 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 29
MIC24066/7
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲,▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
3
e
3
e
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information. Package may or not include the corporate logo.
Underbar (_) and/or Overbar (¯) symbol may not be to scale.
36-Lead VQFN
Example
MIC24066
2230256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com