Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24066 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC24066
Description  36V, 6A High Performance Switching Buck Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24066 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC24066 Datasheet HTML 9Page - Microchip Technology MIC24066 Datasheet HTML 10Page - Microchip Technology MIC24066 Datasheet HTML 11Page - Microchip Technology MIC24066 Datasheet HTML 12Page - Microchip Technology MIC24066 Datasheet HTML 13Page - Microchip Technology MIC24066 Datasheet HTML 14Page - Microchip Technology MIC24066 Datasheet HTML 15Page - Microchip Technology MIC24066 Datasheet HTML 16Page - Microchip Technology MIC24066 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006730A-page 13
MIC24066/7
Note: Unless otherwise indicated, VIN = 12V; VOUT = 5V; fSW = 400 kHz; VBST – VSW = 5V; TA = +25°C.
Measurements were done using Typical Application Circuit schematic unless specific changes are mentioned.
FIGURE 2-23:
Enable Turn-on and Rise
Time.
FIGURE 2-24:
VIN Start-Up with Pre-Biased
Output.
FIGURE 2-25:
Switching Waveform
(IOUT =0A).
FIGURE 2-26:
Switching Waveforms
Phasing (VOUT = 12V, IOUT = 0A).
FIGURE 2-27:
Enable Turn-On and
Turn-off.
FIGURE 2-28:
Switching Waveforms
(IOUT =6A).
VIN = 10V
IOUT = 1A
VOUT = 2V
EN = 5V
PG = 5V
VIN = 10V
SW = 10V
Vprebias = 3V
VOUT = 2V
VOUT = 10 mV
IL = 2A
SW = 10V
VIN = 10V
IOUT = 1A
VOUT = 2V
EN = 5V
PG = 5V
VIN = 10V
VOUT = 2V
EN = 5V
PG = 5V
VOUT = 10 mV
IL = 2A
SW = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com