Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC602EC/D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC602EC/D Datasheet HTML 1Page - NXP Semiconductors MPC602EC/D Datasheet HTML 2Page - NXP Semiconductors MPC602EC/D Datasheet HTML 3Page - NXP Semiconductors MPC602EC/D Datasheet HTML 4Page - NXP Semiconductors MPC602EC/D Datasheet HTML 5Page - NXP Semiconductors MPC602EC/D Datasheet HTML 6Page - NXP Semiconductors MPC602EC/D Datasheet HTML 7Page - NXP Semiconductors MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
3
1.1.1 Features
This section describes details of the 602 implementation of the PowerPC architecture. Major features of the
602 are as follows:
•
High-performance, superscalar microprocessor
— As many as two instructions are fetched from the instruction queue per clock
— One instruction can be issued and one retired per clock
— As many as four instructions in execution per clock
— Single-cycle execution for most instructions
•
Four independent execution units and two register files
— BPU performs architecturally-defined static branch prediction
— A 32-bit IU
— Fully IEEE 754-compliant FPU for single-precision operations
— Emulation support for double-precision operations
— An implementation of the non-IEEE floating-point mode
— Thirty-two 32-bit general-purpose registers (GPRs) for integer operands
— Thirty-two 32-bit floating-point registers (FPRs) for single-precision operands
— LSU for data transfer between data cache and GPRs and FPRs
•
Instruction pipelining and split cache organization
— Zero-cycle branch capability (branch folding)
— Programmable static branch prediction on unresolved conditional branches
— BPU that performs CR lookahead operations
— Instruction fetch unit capable of fetching two instructions per clock from the instruction cache
(one of which is a branch instruction)
— A four-entry instruction queue that provides lookahead capability
— Independent pipelines with feed-forwarding that reduces data dependencies in hardware
— 4-Kbyte data cache—two-way set-associative, physically addressed; LRU replacement
algorithm
— 4-Kbyte instruction cache—two-way set-associative, physically addressed; LRU replacement
algorithm
— Cache write-back or write-through operation programmable on a per page or per block basis
•
Memory managament features
— Address translation facilities for 4-Kbyte page size, variable block size, and 256-Mbyte
segment size
— A 32-entry, two-way set-associative ITLB
— A 32-entry, two-way set-associative DTLB
— Four-entry data and instruction BAT arrays providing 128-Kbyte to 256-Mbyte blocks
— Software table search operations and updates supported through fast trap mechanism
— 52-bit virtual address; 32-bit physical address
— Optional configuration of the TLBs that offers protection for up to 4-Mbytes of memory per
TLB, but no effective address translation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com