Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC602EC/D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors MPC602EC/D Datasheet HTML 10Page - NXP Semiconductors MPC602EC/D Datasheet HTML 11Page - NXP Semiconductors MPC602EC/D Datasheet HTML 12Page - NXP Semiconductors MPC602EC/D Datasheet HTML 13Page - NXP Semiconductors MPC602EC/D Datasheet HTML 14Page - NXP Semiconductors MPC602EC/D Datasheet HTML 15Page - NXP Semiconductors MPC602EC/D Datasheet HTML 16Page - NXP Semiconductors MPC602EC/D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
13
Figure 5 provides the JTAG clock input timing diagram.
Figure 5. Clock Input Timing Diagram
Figure 6 provides the TRST timing diagram.
Figure 6. TRST Timing Diagram
9
TCK to output high impedance
3
24
ns
3
10
TMS, TDI data setup time
0
ns
11
TMS, TDI data hold time
25
ns
12
TCK to TDO data valid
4
24
ns
13
TCK to TDO high impedance
3
18
ns
Notes:
1. TRST is an asynchronous signal. The setup time is for test purposes only.
2. Non-test signal input timing with respect to TCK.
3. Non-test signal output timing with respect to TCK.
Table 9. JTAG AC Timing Specifications (Independent of SYSCLK) (Continued)
Vdd = 3.3
± 10% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ TJ ≤ 105 °C
Num
Characteristic
Min
Max
Unit
Notes
TCK
2
2
1
VM
VM
VM
3
3
VM = Midpoint Voltage (1.4 V)
4
5
TRST
TCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com