Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC602EC/D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 2Page - NXP Semiconductors MPC602EC/D Datasheet HTML 3Page - NXP Semiconductors MPC602EC/D Datasheet HTML 4Page - NXP Semiconductors MPC602EC/D Datasheet HTML 5Page - NXP Semiconductors MPC602EC/D Datasheet HTML 6Page - NXP Semiconductors MPC602EC/D Datasheet HTML 7Page - NXP Semiconductors MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors MPC602EC/D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
PowerPC 602 RISC Microprocessor Hardware Specifications
Table 4 provides the DC electrical characteristics for the 602.
Junction Temperature
TJ
0 to 105
°C
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these
conditions is not guaranteed.
2. Caution: Vin must not exceed OVdd by more than 2.5 V at all times, including during power-on reset.
3. Caution: OVdd must not exceed Vdd by more than 2.5 V at all times, including during power-on reset.
4. Caution: Vdd/Avdd must not exceed OVdd by more than 0.4 V at all times, including during power-on
reset.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value
Rating
Motorola PQFP package thermal resistance, junction-to-case (typical)
θJC
2.8
°C/W
IBM PQFP package thermal resistance, junction-to-case (typical)
θJC
2.8
°C/W
Notes:
1. TJ = TA + PD X θJA where θJA = θJC + θCA
2. Refer to Section 1.7, “System Design Information,” for more information about thermal management.
Table 4. DC Electrical Specifications
Vdd = 3.3
± 10% V dc, GND = 0 V dc
Characteristic
Symbol
Min
Max
Unit
Input high voltage (all inputs except SYSCLK)
VIH
2
5.5
V
Input low voltage (all inputs except SYSCLK)
VIL
GND
0.8
V
SYSCLK input high voltage
CVIH
2.4
5.5
V
SYSCLK input low voltage
CVIL
GND
0.4
V
Input leakage current, Vin = 3.63 V
1,2
Iin
—10
µA
Output three-state leakage, Vin = 3.63 V
2
ITSO
—10
µA
Bidirectional three-state leakage, Vin = 3.63 V
3
ITSB
500
µA
Output high voltage, IOH = -9mA
VOH
2.4
V
Output low voltage, IOL = 9 mA
VOL
0.4
V
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Value
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com