Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604EC Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 14Page - NXP Semiconductors MPC604EC Datasheet HTML 15Page - NXP Semiconductors MPC604EC Datasheet HTML 16Page - NXP Semiconductors MPC604EC Datasheet HTML 17Page - NXP Semiconductors MPC604EC Datasheet HTML 18Page - NXP Semiconductors MPC604EC Datasheet HTML 19Page - NXP Semiconductors MPC604EC Datasheet HTML 20Page - NXP Semiconductors MPC604EC Datasheet HTML 21Page - NXP Semiconductors MPC604EC Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
604 Hardware Specifications
Preliminary/Subject to Change without Notice
PLL_CFG0–PLL_CFG3
A08, B09, A09, D09
High
Input
RSRV
D01
Low
Output
RUN
C08
High
Input
SHD
H04
Low
I/O
SMI
A16
Low
Input
SRESET
B14
Low
Input
SYSCLK
C09
—
Input
TA
H14
Low
Input
TBEN
C02
High
Input
TBST
A14
Low
I/O
TC0–TC2
A02, A03, C06
High
Output
TCK
C11
High
Input
TDI
A11
High
Input
TDO
A12
High
Output
TEA
H13
Low
Input
TMS
B11
High
Input
TRST
C10
Low
Input
TS
J13
Low
I/O
TSIZ0–TSIZ2
A13, D10, B12
High
I/O
TT0–TT4
B13, A15, B16, C14, C15
High
I/O
WT
D02
Low
Output
VDD 3
F06, F08, F09, F11, G07, G10, H06, H08, H09, H11, J06,
J08, J09, J11, K07, K10, L06, L08, L09, L11
——
XATS
J16
Low
I/O
Notes:
1. These are test signals for factory use only and must be pulled up to VDD for normal machine operation.
2. These are drive mode signals that must be pulled up to VDD to operate in accordance to these
specifications.
3. In the 604 BGA package, there is no electrical distinction between the OVDD and the VDD pins. These
signals are internally shorted together. The OVDD and VDD signals have been listed separately to
maintain compatibility with future parts.
Table 10. Pinout Listing for the BGA Package (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com