Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604EC Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 24Page - NXP Semiconductors MPC604EC Datasheet HTML 25Page - NXP Semiconductors MPC604EC Datasheet HTML 26Page - NXP Semiconductors MPC604EC Datasheet HTML 27Page - NXP Semiconductors MPC604EC Datasheet HTML 28Page - NXP Semiconductors MPC604EC Datasheet HTML 29Page - NXP Semiconductors MPC604EC Datasheet HTML 30Page - NXP Semiconductors MPC604EC Datasheet HTML 31Page - NXP Semiconductors MPC604EC Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
604 Hardware Specifications
29
Preliminary/Subject to Change without Notice
1.8.2 Thermal Management Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
Tj = Ta + Tr + (Rθjc +Ra + Rsa) * Q
Where:
Tj is the die-junction temperature
Ta is the inlet cabinet ambient temperature
Tr is the air temperature rise within the system cabinet
Rθjc is the die-junction-to-case (top of die) thermal resistance of the device
Ra is the thermal resistance of the thermal interface material (thermal grease or thermal compound)
Rsa is the heat sink-to-ambient thermal resistance
Q is the power dissipated by the device
Typical die-junction temperatures (Tj) should be maintained less than 105 °C. The temperature of the air
cooling the component greatly depends upon the ambient inlet air temperature and the air temperature rise
within the computer cabinet. A computer cabinet inlet-air temperature (Ta) may range from 30 to 40 °C. The
air temperature rise within a cabinet (Tr) may be in the range of 5 to 10 °C. The thermal resistance of the
interface material (Ra) is typically about 1 °C/W. Assuming a Ta of 30 °C, a Tr of 5 °C, and a power
dissipation (Q) of 18 watts, the following expression for Tj is obtained:
Junction temperature: Tj = 30 °C + 5 °C + (0.03 °C/W +1.0 °C/W + Rsa) * 18 W
For a Thermalloy heat sink #2333B, the heatsink-to-ambient thermal resistance (Rsa) versus airflow velocity
is shown in Figure 19.
Figure 19. Thermalloy #2333B Pin-Fin Heat Sink-to-Ambient Thermal Resistance Versus Airflow
Velocity
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
Thermalloy #2333 Pin-fin Heat Sink
Airflow Velocity
(m/s)
Airflow Velocity (m/s)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com