Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604EC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 19Page - NXP Semiconductors MPC604EC Datasheet HTML 20Page - NXP Semiconductors MPC604EC Datasheet HTML 21Page - NXP Semiconductors MPC604EC Datasheet HTML 22Page - NXP Semiconductors MPC604EC Datasheet HTML 23Page - NXP Semiconductors MPC604EC Datasheet HTML 24Page - NXP Semiconductors MPC604EC Datasheet HTML 25Page - NXP Semiconductors MPC604EC Datasheet HTML 26Page - NXP Semiconductors MPC604EC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
604 Hardware Specifications
23
Preliminary/Subject to Change without Notice
Table 11 lists the mechanical dimensions values for the IBM C4-CQFP package.
Notes:
1. All dimensions and tolerances conform to ANSI Y14.5M–1982.
2. Controlling dimension—millimeter.
3. Datums – L –, –M –, and – N – to be determined at seating plane.
4. Dimensions S and V to be determined at seating plane – T–.
5. Dimensions A and B to outside of lead clip.
1.6.2 BGA Package Description
The following sections provide the package parameters and mechanical dimensions for the IBM and
Motorola BGA packages.
1.6.2.1 Package Parameters
The package parameters are as provided in the following list. The package type is 21 mm, 256-lead ceramic
ball grid array (BGA).
Package outline
21 mm
Interconnects
255
Pitch
1.27 mm
Maximum module height
3.16 mm
Table 11. Mechanical Dimensions Values
Dim
Millimeters
Min
Max
A
39.93
40.08
B
39.93
40.08
C
2.32
2.92
D
0.23
0.28
E
0.635 REF
G
0.5 BSC
J
0.12
0.20
K
0.40
0.60
S
42.4
42.8
V
42.4
42.8
W
0.35
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com