Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW2866C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 3 Page - Renesas Technology Corp

  TW2866C Datasheet HTML 1Page - Renesas Technology Corp TW2866C Datasheet HTML 2Page - Renesas Technology Corp TW2866C Datasheet HTML 3Page - Renesas Technology Corp TW2866C Datasheet HTML 4Page - Renesas Technology Corp TW2866C Datasheet HTML 5Page - Renesas Technology Corp TW2866C Datasheet HTML 6Page - Renesas Technology Corp TW2866C Datasheet HTML 7Page - Renesas Technology Corp TW2866C Datasheet HTML 8Page - Renesas Technology Corp TW2866C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 3 of 143
February 3, 2012
Table of Contents
Pin Diagram...................................................................................... 5
Pin Descriptions .............................................................................. 6
Analog Video/Audio Interface Pins..................................................... 6
Digital Video/Audio Interface Pins....................................................... 7
System Control Pins .............................................................................. 8
Power and Ground Pins........................................................................ 9
Functional Description ................................................................. 10
Video Input Formats.............................................................................10
Analog Frontend...................................................................................11
Decimation Filter.................................................................................12
Automatic Gain Control and Clamping............................................13
Sync Processing...................................................................................13
Y/C Separation.......................................................................................13
Color Decoding .....................................................................................15
Chrominance Demodulation.............................................................15
ACC (Automatic Color gain control) .................................................16
Chrominance Processing...................................................................16
Chrominance Gain, Offset and Hue Adjustment ............................16
CTI (Color Transient Improvement)..................................................16
Luminance Processing .......................................................................16
Video Cropping .....................................................................................17
VDELAY + VACTIVE < Total number of lines per field......................... 17
Video Scaler...........................................................................................18
Output Format.......................................................................................21
ITU-R BT.656 Format........................................................................21
Two Channel ITU-R BT.656 Time-multiplexed Format with
54MHz....................................................................................22
Four Channel CIF Time-multiplexed Format with 54MHz .............23
Four Channel D1 Time-division-multiplexed Format with
108MHz .................................................................................25
Output Enabling Act...........................................................................27
Video Output Channel Selection ......................................................27
Extra Sync Output..............................................................................27
Video Encoder.......................................................................................30
Output Standard Selection................................................................30
Audio Codec..........................................................................................32
Audio Clock Master/Slave mode......................................................34
Audio Detection..................................................................................34
Multi-Chip Operation..........................................................................34
Serial Audio Interface.........................................................................37
Playback Input....................................................................................37
Record Output....................................................................................38
Mix Output...........................................................................................39
Audio Clock Slave Mode Data Output Timing ................................40
ACLKP/ASYNP Slave Mode Data Input Timing.............................42
Audio Clock Generation ....................................................................44
Audio Clock Auto Setup ....................................................................46
Host Interface................................................................................. 47
Serial Interface.......................................................................................47
Interrupt Interface..................................................................................48
Squared Pixel Mode Operation..........................................................48
Clock PLL ...............................................................................................49
Control Register....................................................................................50
Register Map......................................................................................50
Register Descriptions ..........................................................................60
0x00(CH1)/0x10(CH2)/0x20(CH3)/0x30(CH4)
– Video
Status Register......................................................................60
0x01(CH1)/0x11(CH2)/0x21(CH3)/0x31(CH4)
–
BRIGHTNESS Control Register .........................................60
0x02(CH1)/0x12(CH2)/0x22(CH3)/0x32(CH4)
–
CONTRAST Control Register .............................................60
0x03(CH1)/0x13(CH2)/0x23(CH3)/0x33(CH4)
–
SHARPNESS Control Register...........................................61
0x04(CH1)/0x14(CH2)/0x24(CH3)/0x34(CH4)
– Chroma (U)
Gain Register.........................................................................61
0x05(CH1)/0x15(CH2)/0x25(CH3)/0x35(CH4)
– Chroma (V)
Gain Register.........................................................................61
0x06(CH1)/0x16(CH2)/0x26(CH3)/0x36(Ch4)
– Hue Control
Register..................................................................................61
0x07(CH1)/0x17(CH2)/0x27(CH3)/0x37(CH4)
– Cropping
Register, High........................................................................62
0x08(CH1)/0x18(CH2)/0x28(CH3)/0x38(CH4)
– Vertical
Delay Register, Low..............................................................62
0x09(CH1)/0x19(CH2)/0x29(CH3)/0x39(CH4)
– Vertical
Active Register, Low .............................................................62
0x0A(CH1)/0x1A(CH2)/0x2A(CH3)/0x3A(CH4)
– Horizontal
Delay Register, Low..............................................................62
0x0B(CH1)/0x1B(CH2)/0x2B(CH3)/0x3B(CH4)
– Horizontal
Active Register, Low .............................................................63
0x0C(CH1)/0x1C(CH2)/0x2C(CH3)/0x3C(CH4)
–
Macrovision Detection ..........................................................63
0x0D(CH1)/0x1D(CH2)/0x2D(CH3)/0x3D(CH4)
– Chip
STATUS II..............................................................................63
0x0E(CH1)/0x1E(CH2)/0x2E(CH3)/0x3E(CH4)
– Standard
Selection.................................................................................64
0x0F(CH1)/0x1F(CH2)/0x2F(CH3)/0x3F(CH4)
– Standard
Recognition............................................................................65
0xE4(CH1)/0xE7(CH2)/0xEA(CH3)/0xED(CH4)
– Vertical
Scaling Register, Low...........................................................65
0xE5(CH1)/0xE8(CH2)/0xEB(CH3)/0xEE(CH4)
– Scaling
Register, High........................................................................65
0xE6(CH1)/0xE9(CH2)/0xEC(CH3)/0xEF(CH4)
– Horizontal
Scaling Register, Low...........................................................65
0xA4(CH1)/0xA5(CH2)/0xA6(CH3)/0xA7(CH4)
– ID
Detection Control...................................................................66
0xC4(CH1)/0xC5(CH2)/0xC6(CH3)/0xC7(CH4)
– H monitor.......66
0x80
– Software Reset Control Register..........................................66
0x81
– Analog Control Register........................................................67
0x82
– Analog Control Reister2........................................................67
0x83
– Control Register I...................................................................68
0x84
– Color Killer Hysteresis Control Register...............................68
0x85
– Vertical Sharpness ................................................................68
0x86
– Coring Control Register.........................................................69
0x87
– Clamping Gain.......................................................................69
0x88
– Individual AGC Gain..............................................................69
0x8A
– White Peak Threshold..........................................................69
0x8B
– Clamp level.............................................................................69
0x8C
– Sync Amplitude......................................................................70
0x8D
– Sync Miss Count Register....................................................70
0x8E
– Clamp Position Register.......................................................70
0x8F
– Vertical Control I.....................................................................70
0x90
– Vertical Control II....................................................................71
0x91
– Color Killer Level Control.......................................................71
0x92
– Comb Filter Control................................................................71
0x93
– Luma Delay and H Filter Control..........................................71
0x94
– Miscellaneous Control I.........................................................71
0x95
– LOOP Control Register.........................................................72
0x96
– Miscellaneous Control II........................................................72
0x97
– CLAMP MODE......................................................................73
0x98
– HSLOWCTL..........................................................................73
0x99
– HSBEGIN...............................................................................73
0x9A
– HSEND..................................................................................74
0x9B
– OVSDLY................................................................................74
0x9C
– OVSEND...............................................................................74
0x9D
– HBLEN...................................................................................74
0x9E
– NOVID....................................................................................75
0x41
– Video Encoder Standard Control.........................................76
0x42
– Video Encoder Test Generation...........................................76
0x43
– Video Encoder Clock and Delay control..............................77
0x44
– Video Encoder Output Control.............................................77
0x45
– Video Encoder SCH..............................................................77
0x46
– Video Encoder YGAIN..........................................................77
0x47
– Video Encoder CGAIN..........................................................78
0x48
– Video Encoder SGAIN..........................................................78
0x49
– Video Encoder BGAIN..........................................................78
0x4A
– Video DAC control ................................................................78
0x4B
– Video DAC control ................................................................79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com