Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW2866C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 4Page - Renesas Technology Corp TW2866C Datasheet HTML 5Page - Renesas Technology Corp TW2866C Datasheet HTML 6Page - Renesas Technology Corp TW2866C Datasheet HTML 7Page - Renesas Technology Corp TW2866C Datasheet HTML 8Page - Renesas Technology Corp TW2866C Datasheet HTML 9Page - Renesas Technology Corp TW2866C Datasheet HTML 10Page - Renesas Technology Corp TW2866C Datasheet HTML 11Page - Renesas Technology Corp TW2866C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 8 of 143
February 3, 2012
System Control Pins
NAME
NUMBER
TYPE
DESCRIPTION
RSTB
121
I
System reset.
XTI
82
I
Crystal 54MHz(27MHz) connection or Oscillator
clock input.
XTO
83
O
For crystal 54MHz(27MHz) connection.
CLKPO1
108
O
27/54/108MHz clock output.
CLKNO1
109
O
27/54/108MHz clock output.
CLKPO2
95
O
27/54/108MHz clock output.
CLKNO2
96
O
27/54/108MHz clock output.
CLKPO3
79
O
27/54/108MHz clock output.
CLKNO3
80
O
27/54/108MHz clock output.
CLKPO4
66
O
27/54/108MHz clock output.
CLKNO4
67
O
27/54/108MHz clock output.
ENCLK
54
I/O
Input/output clock for ED[7:0] video data input.
TEST
37
I
Test pin. Connect to ground.
SCLK
43
I
Serial control clock line.
SDAT
42
IO
Serial control data line.
SADD[1:0]
38,39
I
Serial control address.
IRQ
119
O
Interrupt request output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com