Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW2866C Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 93Page - Renesas Technology Corp TW2866C Datasheet HTML 94Page - Renesas Technology Corp TW2866C Datasheet HTML 95Page - Renesas Technology Corp TW2866C Datasheet HTML 96Page - Renesas Technology Corp TW2866C Datasheet HTML 97Page - Renesas Technology Corp TW2866C Datasheet HTML 98Page - Renesas Technology Corp TW2866C Datasheet HTML 99Page - Renesas Technology Corp TW2866C Datasheet HTML 100Page - Renesas Technology Corp TW2866C Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 97 of 143
February 3, 2012
0XD2 – NUMBER OF AUDIO TO BE RECORDED
Bit
Function
R/W
Description
Reset
7
M_RLSWAP
R/W
Define the sequence of mixing and playback audio data on
the ADATM pin.
If RM_SYNC=0 : I2S format,
0:Mixing audio on position 0 and playback audio on
position 8
1:Playback audio on position 0 and mixing audio on
position 8
If RM_SYNC=1 : DSP format,
0:Mixing audio on position 0 and playback audio on
position 1
1:Playback audio on position 0 and mixing audio on
position 1
0
6
RM_SYNC
R/W
Define the digital serial audio data format for record and
mixing audio on the ACLKR, ASYNR, ADATR and ADATM pin.
0
I2S format
1
DSP format
0
5-4
RM_PBSEL
R/W
Select the output PlayBackIn data for the ADATM pin.
0
First Stage PalyBackIn audio
1
Second Stage PalyBackIn audio
2
Third Stage PalyBackIn audio
3
Last Stage PalyBackIn audio
0h
3-2
R_ADATM
R/W
Select the output mode for the ADATM pin.
0:Digital serial data of mixing audio
1:Digital serial data of ADATR format record audio
2:Digital serial data of ADATM format record audio
0h
1-0
R_MULTCH
R/W
Define the number of audio for record on the ADATR pin.
0
2 audios
1
4 audios
2
8 audios
3
16 audios
Number of output data is limited as shown on Sequence of
Multi-channel Audio Record table. Also, each output position
data are selected by R_SEQ_0/R_SEQ_1/…/R_SEQ_F
registers.
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com