Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW2866C Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 82Page - Renesas Technology Corp TW2866C Datasheet HTML 83Page - Renesas Technology Corp TW2866C Datasheet HTML 84Page - Renesas Technology Corp TW2866C Datasheet HTML 85Page - Renesas Technology Corp TW2866C Datasheet HTML 86Page - Renesas Technology Corp TW2866C Datasheet HTML 87Page - Renesas Technology Corp TW2866C Datasheet HTML 88Page - Renesas Technology Corp TW2866C Datasheet HTML 89Page - Renesas Technology Corp TW2866C Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 86 of 143
February 3, 2012
ANALOG AUDIO ADC DIGITAL OUTPUT VALUE
0XB8 – ANALOG AUDIO ADC DIGITAL OUTPUT VALUE
Bit
Function
R/W
Description
Reset
7-6
AUD4ADC[9:8]
R
Bit9-8 of Ch4 Analog Audio ADC Digital Output Value by 2’s
format.
X
5-4
AUD3ADC[9:8]
R
Bit9-8 of Ch3 Analog Audio ADC Digital Output Value by 2’s
format.
X
3-2
AUD2ADC[9:8]
R
Bit9-8 of Ch2 Analog Audio ADC Digital Output Value by 2’s
format.
X
1-0
AUD1ADC[9:8]
R
Bit9-8 of Ch1 Analog Audio ADC Digital Output Value by 2’s
format.
X
0XB9 – ANALOG AUDIO ADC DIGITAL OUTPUT VALUE
Bit
Function
R/W
Description
Reset
7-0
AUD1ADC[7:0]
R
Bit7-0 of Ch1 Analog Audio ADC Digital Output Value by 2’s
format.
X
0XBA – ANALOG AUDIO ADC DIGITAL OUTPUT VALUE
Bit
Function
R/W
Description
Reset
7-0
AUD2ADC[7:0]
R
Bit7-0 of Ch2 Analog Audio ADC Digital Output Value by 2’s
format.
X
0XBB – ANALOG AUDIO ADC DIGITAL OUTPUT VALUE
Bit
Function
R/W
Description
Reset
7-0
AUD3ADC[7:0]
R
Bit7-0 of Ch3 Analog Audio ADC Digital Output Value by 2’s
format..
X
0XBC – ANALOG AUDIO ADC DIGITAL OUTPUT VALUE
Bit
Function
R/W
Description
Reset
7-0
AUD4ADC[7:0]
R
Bit7-0 of Ch4 Analog Audio ADC Digital Output Value by 2’s
format.
X
0X77 – ANALOG AUDIO ADC DIGITAL OUTPUT VALUE
Bit
Function
R/W
Description
Reset
7-2
Reserved
Reserved
00h
1-0
AUD5ADC[9:8]
R
Bit9-8 of Ch5 Analog Audio ADC Digital Output Value by 2’s
format.
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com