Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HT010 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 4 Page - Renesas Technology Corp

  X28HT010 Datasheet HTML 1Page - Renesas Technology Corp X28HT010 Datasheet HTML 2Page - Renesas Technology Corp X28HT010 Datasheet HTML 3Page - Renesas Technology Corp X28HT010 Datasheet HTML 4Page - Renesas Technology Corp X28HT010 Datasheet HTML 5Page - Renesas Technology Corp X28HT010 Datasheet HTML 6Page - Renesas Technology Corp X28HT010 Datasheet HTML 7Page - Renesas Technology Corp X28HT010 Datasheet HTML 8Page - Renesas Technology Corp X28HT010 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 4 of 20
February 12, 2007
Page Write Operation
The page write feature of the X28C010/X28HT010 allows the
entire memory to be written in 5 seconds. Page write allows
two to two hundred fifty-six bytes of data to be consecutively
written to the X28C010/X28HT010 prior to the commencement
of the internal programming cycle. The host can fetch data
from another device within the system during a page write
operation (change the source address), but the page address
(A8 through A16) for each subsequent valid write cycle to the
part during this operation must be the same as the initial page
address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to two hundred fifty six bytes in the
same manner as the first byte was written. Each successive
byte load cycle, started by the WE HIGH to LOW transition,
must begin within 100µs of the falling edge of the preceding
WE. If a subsequent WE HIGH to LOW transition is not
detected within 100µs, the internal automatic programming
cycle will commence. There is no page write window limitation.
Effectively the page write window is infinitely wide, so long as
the host continues to access the device within the byte load
cycle time of 100µs.
Write Operation Status Bits
The X28C010/X28HT010 provides the user two write operation
status bits. These can be used to optimize a system write cycle
time. The status bits are mapped onto the I/O bus as shown in
Figure 1.
DATA Polling (I/O7)
The X28C010/X28HT010 features DATA Polling as a method
to indicate to the host system that the byte write or page write
cycle has completed. DATA Polling allows a simple bit test
operation to determine the status of the X28C010/X28HT010,
eliminating additional interrupt inputs or external hardware.
During the internal programming cycle, any attempt to read the
last byte written will produce the complement of that data on
I/O7 (i.e., write data = 0xxx xxxx, read data = 1xxx xxxx). Once
the programming cycle is complete, I/O7 will reflect true data.
Note: If the X28C010/X28HT010 is in the protected state, and
an illegal write operation is attempted, DATA Polling will not
operate.
Toggle Bit (I/O6)
The X28C010/X28HT010 also provides another method for
determining when the internal write cycle is complete. During
the internal programming cycle, I/O6 will toggle from HIGH to
LOW and LOW to HIGH on subsequent attempts to read the
device. When the internal cycle is complete the toggling will
cease and the device will be accessible for additional read or
write operations.
DATA Polling I/O7
5
TB
DP
43
21
0
I/O
Reserved
Toggle Bit
DATA Polling
FIGURE 1. STATUS BIT ASSIGNMENT
CE
OE
WE
I/O7
X28C010
Last
Write
HIGH Z
VOL
VIH
A0-A14
An
An
An
An
An
An
VOH
An
Ready
FIGURE 2. DATA POLLING BUS SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com