Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HT010 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button X28HT010 Datasheet HTML 10Page - Renesas Technology Corp X28HT010 Datasheet HTML 11Page - Renesas Technology Corp X28HT010 Datasheet HTML 12Page - Renesas Technology Corp X28HT010 Datasheet HTML 13Page - Renesas Technology Corp X28HT010 Datasheet HTML 14Page - Renesas Technology Corp X28HT010 Datasheet HTML 15Page - Renesas Technology Corp X28HT010 Datasheet HTML 16Page - Renesas Technology Corp X28HT010 Datasheet HTML 17Page - Renesas Technology Corp X28HT010 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 14 of 20
February 12, 2007
Page Write Cycle
NOTES:
6. Between successive byte writes within a page write operation, OE can be strobed LOW: e.g. this can be done with CE and WE HIGH to fetch
data from another memory device within the system for the next write; or with WE HIGH and CE LOW effectively performing a polling operation.
7. The timings shown above are unique to page write operations. Individual byte load operations within the page write must conform to either the
CE or WE controlled write cycle timing.
DATA Polling Timing Diagram (Note 8)
WE
OE (Note 5)
Last Byte
Byte 0
Byte 1
Byte 2
Byte n
Byte n+1
Byte n+2
tWP
tWPH
tBLC
tWC
CE
Address* (Note 7)
I/O
*For each successive write within the page write operation, A8-A16 should be the same or
writes to an unknown address could occur.
Address
An
DIN = X
tWC
tOEH
tOES
An
An
CE
WE
OE
I/O7
tDW
DOUT = X
DOUT = X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com