Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HT010 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button X28HT010 Datasheet HTML 12Page - Renesas Technology Corp X28HT010 Datasheet HTML 13Page - Renesas Technology Corp X28HT010 Datasheet HTML 14Page - Renesas Technology Corp X28HT010 Datasheet HTML 15Page - Renesas Technology Corp X28HT010 Datasheet HTML 16Page - Renesas Technology Corp X28HT010 Datasheet HTML 17Page - Renesas Technology Corp X28HT010 Datasheet HTML 18Page - Renesas Technology Corp X28HT010 Datasheet HTML 19Page - Renesas Technology Corp X28HT010 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 18 of 20
February 12, 2007
Packaging Information
0.300 BSC
0.458 Max.
0.450 ± 0.008
Pin 1
0.035 x 45° Ref.
0.085 ± 0.010
0.020 (1.02) x 45° Ref.
Typ. (3) Plcs.
0.050 BSC
0.400 BSC
0.708 Max.
0.060/0.120
Pin #1 Index Corner
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. TOLERANCE: ±1% NLT±0.005 (0.127)
0.700 ± 0.010
0.005/0.015
0.025 ± 0.003
0.050 ± 0.005
0.006/0.022
Detail A
Detail A
32-Pad Stretched Ceramic Leadless Chip Carrier Package Type N
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com