| Electronic Components Datasheet Search |
|
CS5920 Datasheet(PDF) 100 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5920 Datasheet(HTML) 100 Page - Applied Micro Circuits Corporation |
|
100 / 160 page ![]() S5920 – PCI Product Revision 1.01 – November 28, 2005 AMCC Confidential and Proprietary DS1596 100 Data Book Target Requested Retries The S5920 initiates a retry for Pass-Thru writes when the Write FIFO is full, and for Pass-Thru reads when the Add-On cannot supply data within 16 PCI clocks from the assertion of FRAME# (for the first data phase of a burst). A retry is requested by a target by assert- ing both STOP# and DEVSEL# while TRDY# is deasserted. Figure 5 shows the behavior of the S5920 when performing a target-initiated retry. Figure 48. Figure 4a. Target Disconnect Example 1 Figure 49. Figure 4b. Target Disconnect Example 2 Target Aborts A target abort termination represents an error condi- tion when no number of retries will produce a successful target access. A target abort is uniquely identified by the target deasserting DEVSEL# and TRDY# while STOP# is asserted. When a target per- forms an abort, it must also set bit 11 of its PCI Status register (PCISTS). The S5920 never responds with a target abort when accessed. Target termination types are summarized in Table 2. FRAME# IRDY# TRDY# DEVSEL# STOP# 1 2 3 4 5 PCLK (I) (T) (I) Driven by Initiator (T) Driven by Target (I) (T) (T) Data Transfered Target Disconnect Identified FRAME# IRDY# TRDY# DEVSEL# ST OP# 1 2 3 4 5 PCLK (I) (T) (I) Driven by Initiato (T) Driven by Targe (I) (T) (T) Data Transfered Target Disconnect Single Data Transferred |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |