Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5920 Datasheet(PDF) 34 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 34 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 38Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
34
Data Book
Table 20. Add-On Bus General Pins
Signal
Type
Description
SYSRST#
out
System Reset. An active-low buffered PCI bus RST# output signal. The signal is asynchro-
nous and can be asserted through software from the PCI host interface.
BPCLK
out
Buffered PCI Clock. This output is a buffered form of the PCI bus clock and has all of the
behavioral characteristics of the PCI clock (i.e., DC-to-33 MHz capability).
ADCLK
in
Add-On Clock. All internal S5920 Add-On bus logic is synchronous to this clock. The clock
is asynchronous to the PCI bus logic unless connected to the BPCLK signal.
IRQ#
out
Interrupt Request. This output signals to Add-On logic that a significant event has occurred
as a result of activity within the S5920.
ADDINT#
in
Add-On interrupt. When enabled and asserted, this input will cause a PCI bus interrupt by
driving INTA# low. The input is level sensitive and can be driven by multiple sources. This
signal is connected to an internal pull-up.
FLT#
in
Float. Floats all S5920 output signals when asserted. This signal is connected to an internal
pull-up
Pin 149
X
For factory use only. Must be left open.
Pin 136
X
For factory use only. Must be left open.
Pin 135
X
For factory use only. Must be left open.
Pin 113
X
For factory use only. Must be left open.
Pin 29
X
For factory use only. Must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com