Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5920 Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 11Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 12Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
9
Data Book
Active mode Burst cycles .............................................................................................................................. 136
Active Mode 32-Bit PCI Write w/PTWAIT# .................................................................................................... 137
Clock by Clock description of Figure 16 ........................................................................................................ 137
Clock by Clock description of Figure 17 ........................................................................................................ 138
Active Mode PCI Write Showing a One Wait State Programmed Delay ....................................................... 138
16-Bit Active Mode PCI Read w/ Programmed Wait States .......................................................................... 138
Active Mode with 16/8-bit data buses ............................................................................................................ 139
Active Mode PCI Read w/ Programmed Wait States .................................................................................... 139
Active Mode PCI Read .................................................................................................................................. 140
Active Mode PCI Write .................................................................................................................................. 140
CONFIGURATION ............................................................................................................................................... 140
S5920 Base Address Register Definition ...................................................................................................... 141
8-Bit Active Mode PCI Write .......................................................................................................................... 141
Creating a Pass-Thru Region ........................................................................................................................ 141
Accessing a Pass-Thru Region ..................................................................................................................... 142
Special Programming Features ..................................................................................................................... 142
ABSOLUTE MAXIMUM STRESS RATINGS ...................................................................................................... 144
Absolute Maximum Stress Ratings ................................................................................................................ 144
Operating Conditions ..................................................................................................................................... 144
PCI Signal DC Characteristics ....................................................................................................................... 145
PCI Signal DC Characteristics (V CC = 5.0V 5%, 0 0 C to 70 0 C, 50 pF load on outputs) .......................... 145
Add-On Operating Characteristics (V CC = 5.0V 5%, 0 0 C to 70 0 C, 50 pF load on outputs) .................... 146
nvRAM Memory Interface Signals ................................................................................................................. 146
TIMING SPECIFICATION .................................................................................................................................... 147
PCI Clock Specification ................................................................................................................................. 147
Functional Operation Range
(VCC = 5.0V +/- 5%, 0O C to 70 OC, 50 pF load on outputs for MAX, 0 pF load for MIN) .................. 147
PCI Clock Timing ........................................................................................................................................... 147
PCI Signal Output Timing .............................................................................................................................. 148
PCI Signal Input Timing ................................................................................................................................. 148
Add-On Timings, Functional Operation Range
(VCC = 5.0 V ± 5%, 0°C to 7 0°C, 50 pF load on outputs for MAX, 0 pF load for MIN) ........................... 149
Add-On Clock Timing .................................................................................................................................... 151
Pass-Thru Clock Relationship to PCI Clock .................................................................................................. 151
PTADR Timing ............................................................................................................................................... 151
Passive Mode Pass-Thru Operation .............................................................................................................. 152
Add-On Timings
Functional Operation Range (VCC = 5.0 V ± 5%, 0°C to 70°C, 50 pF load on outputs for MAX, 0 pF load for
MIN) ........................................................................................................................................................ 153
Active Mode Pass-Thru Write Operation ....................................................................................................... 154
Mailbox Data .................................................................................................................................................. 155
Mailbox Data .................................................................................................................................................. 155
Mailbox Timings
Functional Operation Range (VCC = 5.0 V ± 5%, 0°C to 70°C, 50 pF load on outputs) .......................... 155
S5920 Pinout and Pin Assignment ................................................................................................................ 156
S5920 – 160 PQFP PACKAGE MARKING DRAWING (TOP VIEW) ................................................................. 157
S5920 – 160 PQFP Package Marking Drawing (Top View) .......................................................................... 157
160 PQFP (28 x 28 x 3.37 mm) - Plastic Quad Flat Package ....................................................................... 158
Ordering Information ...................................................................................................................................... 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com