Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5920 Datasheet(PDF) 80 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 80 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 76Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 77Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 78Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 79Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 80Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 81Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 82Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 83Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 84Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
80
Data Book
ADD-ON INTERRUPT CONTROL/STATUS
REGISTER (AINT)
This register provides the method for choosing which
conditions are to produce an interrupt on the Add-On
bus interface, a method for viewing the cause for the
interrupt, and a method for acknowledging (removing)
the interrupt’s assertion.
Interrupt sources:
Incoming mailbox becomes full
Outgoing mailbox becomes empty
Built-in self test issued
Figure 33. Add-On Interrupt Control Status Register
Register Name:
Add-On Interrupt Control and Status
Add-On Address:
38h
Power-up value:
00000C0Ch
Attribute:
Read/Write, Read/Write Clear
Size:
32 bits
0 0 0 0
0
Add-On IMB
(Becomes full)
R/W
D4 = Enable Interrupt
D1 - D0 = Byte Number
00 = Byte 0
01 = Byte 1
10 = Byte 2
11 = Byte 3
8
24
31
X
0
0
X 0 0 X X 0 0 0
1 1
XX
0 0 0
X 1 1
XX
2
3
2
2
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0
432
Interrupt Asserted (RO)
Incoming Mailbox
Interrupt (R/WC)
Outgoing Mailbox
Interrupt (R/WC)
Add-On OMB (Becomes Empty)
R/W
D12 = Enable Interrupt
D9 - D8 = Byte Number
00 = Byte 0
01 = Byte 1
10 = Byte 2
11 = Byte 3
Interrupt Selection
Interrupt Status
BIST (R/WC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com