| Electronic Components Datasheet Search |
|
CS5920 Datasheet(PDF) 109 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5920 Datasheet(HTML) 109 Page - Applied Micro Circuits Corporation |
|
109 / 160 page ![]() S5920 – PCI Product Revision 1.01 – November 28, 2005 AMCC Confidential and Proprietary DS1596 109 Data Book Reading the PCI Incoming Mailbox: 1. Check Mailbox Status. Read the mailbox status register to determine if any information has been passed from the Add-On interface. 2. Read Mailbox. Read the mailbox bytes which MBEF indicates are full. This automatically resets the status bits in the MBEF and AMBEF registers. Writing the PCI Outgoing Mailbox: 1. Check Mailbox Status. Read the mailbox status register to determine if information previously written to the mailbox has been read by the Add-On interface. Writes to full mailbox bytes overwrite data currently in the mailbox (if not already read by the Add-On interface). Repeat until the byte(s) to be written are empty. 2. Write Mailbox. Write to the outgoing mailbox byte(s). Mailbox operations for the Add-On interface are functionally identical. The following sequences are suggested for Add-On mailbox operations using status polling (interrupts disabled): Reading an Add-On Incoming Mailbox: 1. Check Mailbox Status. Read the mailbox status register to determine if any information has been passed from the PCI interface. 2. Read Mailbox. Read the mailbox bytes which AMBEF indicates are full. This automatically resets the status bits in the AMBEF and MBEF registers. Writing an Add-On Outgoing Mailbox: 1. Check Mailbox Status. Read the mailbox status register to determine if information previously written to the mailbox has been read by the PCI interface. Writes to full mailbox bytes overwrite data currently in the mailbox (if not already read by the PCI interface). Repeat until the byte(s) to be written are empty. 2. Write Mailbox. Write to the outgoing mailbox byte(s). MBEF Bits 31:28 If a bit is set, valid data is contained in the corresponding mailbox byte. IMB Bits 31:0 Mailbox data. MBEF Bits 15:12 If a bit is set, valid data is contained in the corresponding mailbox byte and has not been read by the Add-On. OMB Bits 31:0 Mailbox data. AMBEF Bits 15:12 If a bit is set, valid data is contained in the corresponding mailbox byte. AIMB Bits 31:0 Mailbox data. AMBEF Bits 31:28 If a bit is set, valid data is contained in corresponding mailbox byte and has not been read by the PCI bus. AOMB Bits 31:0 Mailbox data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |