Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 13Page - NXP Semiconductors MC68331 Datasheet HTML 14Page - NXP Semiconductors MC68331 Datasheet HTML 15Page - NXP Semiconductors MC68331 Datasheet HTML 16Page - NXP Semiconductors MC68331 Datasheet HTML 17Page - NXP Semiconductors MC68331 Datasheet HTML 18Page - NXP Semiconductors MC68331 Datasheet HTML 19Page - NXP Semiconductors MC68331 Datasheet HTML 20Page - NXP Semiconductors MC68331 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
MC68L300EC16/D
17
Figure 13 BDM Serial Communication Timing Diagram
Figure 14 BDM Freeze Assertion Timing Diagram
NOTES:
1. All AC timing is shown with respect to 20% VDD and 70% VDD levels unless otherwise noted.
Table 7 Background Debugging Mode Timing
(V
DD
and V
DDSYN
= 3.0 to 3.6Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
Num
Characteristic
Symbol
Min
Max
Unit
B0
DSI Input Setup Time
tDSISU
15
—
ns
B1
DSI Input Hold Time
tDSIH
10
—
ns
B2
DSCLK Setup Time
tDSCSU
15
—
ns
B3
DSCLK Hold Time
tDSCH
10
—
ns
B4
DSO Delay Time
tDSOD
—25
ns
B5
DSCLK Cycle Time
tDSCCYC
2—
tcyc
B6
CLKOUT Low to FREEZE Asserted/Negated
tFRZAN
—50
ns
B7
CLKOUT High to IFETCH High Impedance
tIPZ
—50
ns
B8
CLKOUT High to IFETCH Valid
tIP
—50
ns
B9
DSCLK Low Time
tDSCLO
1—
tcyc
68300 BKGD DBM SER COM TIM
B1
B3
B2
B0
B4
CLKOUT
FREEZE
BKPT/DSCLK
IFETCH/DSI
IPIPE/DSO
B5
B9
68300 BDM FRZ TIM
B8
CLKOUT
FREEZE
IFETCH/DSI
B6
B6
B7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com