Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 24Page - NXP Semiconductors MC68331 Datasheet HTML 25Page - NXP Semiconductors MC68331 Datasheet HTML 26Page - NXP Semiconductors MC68331 Datasheet HTML 27Page - NXP Semiconductors MC68331 Datasheet HTML 28Page - NXP Semiconductors MC68331 Datasheet HTML 29Page - NXP Semiconductors MC68331 Datasheet HTML 30Page - NXP Semiconductors MC68331 Datasheet HTML 31Page - NXP Semiconductors MC68331 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
MC68L300EC16/D
Figure 29 General-Purpose Output (Causes Input Capture)
NOTE: 1.
*PAI1 is the same frequency as the system clock; however, it does not have the same timing.
2.
When the bit value is driven on the pin, the input circuit sees the signal. After it is conditioned it causes the contents of
the TCNT to be latched into the ICx compare register.
$0102
$0101
$0102
IMB WRITE CYCLE
IMB WRITE CYCLE
PHI1*
INTERNAL
DATA BUS
PDR
PDRx
EXTERNAL PIN
(OUTPUT)
CONDITIONED
INPUT
ICx COMPARE
REGISTER
PDDRX
0
TCNT
BUS STATES
B1
B2
B3
B4
B1
B2
B3
B4
B1
B2
B3
B4
B1
B2
B3
B4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com